Electronic Components Datasheet Search
  English  ▼

X  

LT8311 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8311
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8311 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8311 Datasheet HTML 14Page - Analog Devices LT8311 Datasheet HTML 15Page - Analog Devices LT8311 Datasheet HTML 16Page - Analog Devices LT8311 Datasheet HTML 17Page - Analog Devices LT8311 Datasheet HTML 18Page - Analog Devices LT8311 Datasheet HTML 19Page - Analog Devices LT8311 Datasheet HTML 20Page - Analog Devices LT8311 Datasheet HTML 21Page - Analog Devices LT8311 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
LT3752/LT3752-1
18
Rev. C
For more information www.analog.com
Figure 4. LT3752-1 Start-Up and Shutdown Timing Diagram
TIMING DIAGRAMS
TRIGGER
SOFT STOP
SYSTEM INPUT (MIN)
+VHYST
1.25V
0V
SYSTEM INPUT (MIN)
SYSTEM INPUT
0V
0V
0V
UVLO_VSEC PIN
(RESISTOR DIVIDER
FROM SYSTEM INPUT)
LT3752-1 VIN PIN
(RESISTOR FROM
SYSTEM INPUT)
INTVCC
SS1
COMP
SS2
fOSC
(SWITCHING
FREQUENCY)
VHK
(HOUSEKEEPING
SUPPLY OUTPUT)
16V CLAMP
VIN(ON)
VIN(OFF)
10V (REG)
150mV
FULL-SCALE fOSC
3752 F04
FULL-SCALE fOSC/2.13
1.25V
7V UVLO(+)
PGOOD(+)
(96% OF FULL-SCALE VHK)
BOOTSTRAP DIODE FROM VHK
OPTIONAL
BOOTSTRAP
DIODE
FROM VHK
SS1
SOFT
STARTS
fOSC AND
DVSEC
SS2
SOFT
STARTS
COMP
COMPLETED SOFT-STOP
SHUTDOWN:
0.6V < UVLO_VSEC < 1.25V
AND SS1 < 150mV
SS1
SOFT
STOPS
fOSC,DVSEC
AND COMP
COMP
SWITCHING
THRESHOLD
1.25V
AOUT, OUT, SOUT
SWITCHING
HOUT
SWITCHING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com