Electronic Components Datasheet Search
  English  ▼

X  

LT8311 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8311
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8311 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8311 Datasheet HTML 16Page - Analog Devices LT8311 Datasheet HTML 17Page - Analog Devices LT8311 Datasheet HTML 18Page - Analog Devices LT8311 Datasheet HTML 19Page - Analog Devices LT8311 Datasheet HTML 20Page - Analog Devices LT8311 Datasheet HTML 21Page - Analog Devices LT8311 Datasheet HTML 22Page - Analog Devices LT8311 Datasheet HTML 23Page - Analog Devices LT8311 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
LT3752/LT3752-1
20
Rev. C
For more information www.analog.com
OPERATION
the start-up waveforms in Figure 4. The LT3752-1 starts
up by using a high valued resistor from system input to
charge up the input capacitor at the VIN pin. If system
input is already high enough to generate UVLO_VSEC
above 1.25V, then the part turns on once VIN pin charges
past VIN(ON) (9.5V). If system input is not high enough
to generate UVLO_VSEC above 1.25V, the VIN pin charges
towards system input until it reaches an internal 16V, 8mA
clamp. The part turns on when system input becomes
high enough to generate UVLO_VSEC above 1.25V. As the
supply current of the part discharges the VIN capacitor a
bootstrap supply must be generated to prevent VIN pin
from falling below VIN(OFF) (7.6V).
The LT3752-1 uses the housekeeping controller to provide
the bootstrap bias to the VINpinduringRCstart-upinstead
ofwaitingfortheforwardconvertertoalsostart.Thismeth-
od is more efficient, requires a smaller VIN input capacitor
and avoids the need for an auxiliary winding in the main
transformer. The part’s low start-up current at the VIN pin
allowstheuseofalargestart-upresistortominimizepower
lossfromsysteminput.TheVINcapacitorvaluerequiredfor
proper start-up is minimized by providing a large VIN(ON)-
VIN(OFF) hysteresis, a low VIN IQ and a fast start-up time for
the housekeeping controller. In contrast to the LT3752, the
LT3752-1 housekeeping gate driver (HOUT) runs from the
VIN pin instead of INTVCC. This avoids having to use cur-
rent from the VINpintochargetheINTVCCcapacitorduring
initialstart-up.Thismeanstheregulated10VINTVCConthe
LT3752-1 does not wake up until the housekeeping supply
is valid. Start-up from this point is similar to the LT3752.
The housekeeping supply and forward converter switch
together with a soft-started frequency and volt-second
clamp.Theforwardconverterpeakinductorcurrentisalso
soft started similar to the LT3752.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com