Electronic Components Datasheet Search
  English  ▼

X  

LT8311 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8311
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8311 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8311 Datasheet HTML 3Page - Analog Devices LT8311 Datasheet HTML 4Page - Analog Devices LT8311 Datasheet HTML 5Page - Analog Devices LT8311 Datasheet HTML 6Page - Analog Devices LT8311 Datasheet HTML 7Page - Analog Devices LT8311 Datasheet HTML 8Page - Analog Devices LT8311 Datasheet HTML 9Page - Analog Devices LT8311 Datasheet HTML 10Page - Analog Devices LT8311 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
LT3752/LT3752-1
7
Rev. C
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUT High Level
INTVCC = 12V
11.9
V
OUT Low Level in Shutdown
UVLO_VSEC = 0V, INTVCC = 8V, IOUT = 1mA Into
the Pin
0.25
V
OUT (Volt-Sec) Max Duty Cycle Clamp
DVSEC (1 • System Input (Min)) × 100
DVSEC (2 • System Input (Min)) × 100
DVSEC (4 • System Input (Min)) × 100
RT = 24.9k, RIVSEC = 51.1k, FB = 1V, SS1 = 2.7V
UVLO_VSEC = 1.25V
UVLO_VSEC = 2.50V
UVLO_VSEC = 5.00V
68.5
34.3
17.5
72.5
36.5
18.6
76.2
38.7
19.7
%
%
%
OUT Minimum ON Time
COUT = 3.3nF, INTVCC = 12V (Note 9)
RTBLNK = 14.7k
RTBLNK = 73.2k (Note 16)
325
454
ns
ns
SS1 Pin (Soft-Start: Frequency and DVSEC) (Soft-Stop: COMP Pin, Frequency and DVSEC)
SS1 Reset Threshold (VSS1(RTH))
150
mV
SS1 Active Threshold (VSS1(ACT))
(Allow Switching)
1.25
V
SS1 Charge Current (Soft-Start)
SS1 = 1.5V (Note 10)
7
11.5
16
µA
SS1 Discharge Current (Soft-Stop)
SS1 = 1V, UVLO_VSEC = VSYS_UV – 50mV
6.4
10.5
14.6
µA
SS1 Discharge Current (Hard Stop)
OC > OC Threshold
INTVCC < INTVCC UVLO(–)
OVLO > OVLO(+)
SS1 = 1V
0.9
0.9
0.9
mA
mA
mA
SS2 Pin (Soft-Start: Comp Pin)
SS2 Discharge Current
SS1 < VSS(ACT), SS2 = 2.5V
2.8
mA
SS2 Charge Current
SS1 > VSS(ACT), SS2 = 1.5V
11
21
28
µA
Error Amplifier (Housekeeping Controller)
HFB Reference Voltage
0.90
1.000
1.10
V
HFB Line Reg
6.5V < VIN < 100V (LT3752)
10.5V < VIN < 16V (LT3752-1)
0.1
0.1
mV/V
mV/V
HFB Load Reg
HCOMP VSW – 0.1V < HCOMP < HCOMP VOH –
0.1V
–6
mV/V
HFB Input Bias Current
HFB = 1.1V (Note 10)
85
170
nA
Transconductance
∆IHCOMP ±5µA
250
µS
Voltage Gain
175
V/V
Power Good(+) (HFB Level)
0.96
V
Power Good(–) (HFB Level)
0.92
V
HFB OVLO(+)
(Disable HOUT Switching)
1.206
V
HFB OVLO(–)
(Enable Housekeeping Operation)
1.150
V
HCOMP Source Current
HCOMP = 1.75V (Note 10)
11
15
19
µA
HCOMP Sink Current
HCOMP = 1.75V
13
18
23
µA
HCOMP Output High Clamp
2.9
V
HCOMP Switching Threshold
1.28
V
Current Sense (Housekeeping Controller)
HISENSE Peak Current Threshold
HFB = 0.8V
69
79
86.5
mV
HCOMP Current Mode Gain
∆VHCOMP/∆VHISENSE
9.1
V/V
HISENSE Input Current (D = 0%)
HISENSE Input Current (D = 80%)
(Note 10)
2
52
µA
µA
HISENSE Overcurrent Threshold
84.6
98
105.4
mV
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, UVLO_VSEC = 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com