Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3757
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8300
8
Rev. A
For more information www.analog.com
OPERATION
reducing the effective quiescent current to improve light
load efficiency. In this condition, the LT8300 operates
in low ripple Burst Mode. The typical 7.5kHz minimum
Output Voltage
The RFB resistor as depicted in the Block Diagram is the
only external resistor used to program the output voltage.
The LT8300 operates similar to traditional current mode
switchers, except in the use of a unique flyback pulse
sense circuit and a sample-and-hold error amplifier, which
sample and therefore regulate the isolated output voltage
from the flyback pulse.
Operation is as follows: when the power switch M1 turns
off, the SW pin voltage rises above the VIN supply. The
amplitude of the flyback pulse, i.e., the difference between
the SW pin voltage and VIN supply, is given as:
VFLBK = (VOUT + VF + ISEC • ESR) • NPS
VF = Output diode forward voltage
ISEC = Transformer secondary current
ESR = Total impedance of secondary circuit
NPS = Transformer effective primary-to-secondary
turns ratio
The flyback voltage is then converted to a current IRFB by
the flyback pulse sense circuit (M2 and M3). This current
IRFB also flows through the internal trimmed 12.23k RREF
resistor to generate a ground-referred voltage. The result-
ing voltage feeds to the inverting input of the sample-
and-hold error amplifier. Since the sample-and-hold error
amplifier samples the voltage when the secondary current
is zero, the (ISEC • ESR) term in the VFLBK equation can be
assumed to be zero.
The bandgap reference voltage VBG, 1.223V, feeds to the
non-inverting input of the sample-and-hold error ampli-
fier. The relatively high gain in the overall loop causes
the voltage across RREF resistor to be nearly equal to the
APPLICATIONS INFORMATION
switching frequency determines how often the output volt-
age is sampled and also the minimum load requirement.
bandgap reference voltage VBG. The resulting relationship
between VFLBK and VBG can be expressed as:
VFLBK
RFB
⎛
⎝
⎜
⎞
⎠
⎟ •RREF = VBG
or
VFLBK =
VBG
RREF
⎛
⎝
⎜
⎞
⎠
⎟ •RFB =IRFB •RFB
VBG = Bandgap reference voltage
IRFB = RFB regulation current = 100µA
Combination with the previous VFLBK equation yields an
equation for VOUT, in terms of the RFB resistor, trans-
former turns ratio, and diode forward voltage:
VOUT = 100µA •
RFB
NPS
⎛
⎝
⎜
⎞
⎠
⎟− VF
Output Temperature Coefficient
The first term in the VOUT equation does not have tem-
perature dependence, but the output diode forward volt-
age VF has a significant negative temperature coefficient
(–1mV/°C to –2mV/°C). Such a negative temperature coef-
ficient produces approximately 200mV to 300mV voltage
variation on the output voltage across temperature.
For higher voltage outputs, such as 12V and 24V, the output
diode temperature coefficient has a negligible effect on the
output voltage regulation. For lower voltage outputs, such
as 3.3V and 5V, however, the output diode temperature
coefficient does count for an extra 2% to 5% output voltage
regulation. For customers requiring tight output voltage
regulation across temperature, please refer to other LTC
parts with integrated temperature compensation features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com