Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3757
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT8300
15
Rev. A
For more information www.analog.com
Minimum Load Requirement
The LT8300 samples the isolated output voltage from
the primary-side flyback pulse waveform. The flyback
pulse occurs once the primary switch turns off and the
secondary winding conducts current. In order to sample
the output voltage, the LT8300 has to turn on and off at
least for a minimum amount of time and with a minimum
frequency. The LT8300 delivers a minimum amount of
energy even during light load conditions to ensure accu-
rate output voltage information. The minimum energy
delivery creates a minimum load requirement, which can
be approximately estimated as:
ILOAD(MIN) =
LPRI •ISW(MIN)
2 • fMIN
2 • VOUT
LPRI = Transformer primary inductance
ISW(MIN) = Minimum switch current limit = 52mA
fMIN = Minimum switching frequency = 7.5kHz
The LT8300 typically needs less than 0.5% of its full output
power as minimum load. Alternatively, a Zener diode with
its breakdown of 20% higher than the output voltage can
serve as a minimum load if pre-loading is not acceptable.
For a 5V output, use a 6V Zener with cathode connected to
the output.
Output Short Protection
When the output is heavily overloaded or shorted, the
reflected SW pin waveform rings longer than the inter-
nal blanking time. After the 350ns minimum switch-off
time, the excessive ring falsely trigger the boundary mode
detector and turn the power switch back on again before
the secondary current falls to zero. Under this condition,
the LT8300 runs into continuous conduction mode at
750kHz maximum switching frequency. Depending on the
VIN supply voltage, the switch current may run away and
exceed 260mA maximum current limit. Once the switch
current hits 520mA over current limit, a soft-start cycle
initiates and throttles back both switch current limit and
switch frequency. This output short protection prevents
the switch current from running away and limits the aver-
age output diode current.
APPLICATIONS INFORMATION
Design Example
Use the following design example as a guide to design
applications for the LT8300. The design example involves
designing a 12V output with a 120mA load current and an
input range from 36V to 72V.
VIN(MIN) = 36V, VIN(NOM) = 48V, VIN(MAX) = 72V,
VOUT = 12V, IOUT = 120mA
Step 1: Select the Transformer Turns Ratio.
NPS <
150V − VIN(MAX) − VLEAKAGE
VOUT + VF
VLEAKAGE = Margin for transformer leakage spike = 30V
VF = Output diode forward voltage = ~0.3V
Example:
NPS <
150V − 72V − 30V
12V + 0.3V
= 3.9
The choice of transformer turns ratio is critical in deter-
mining output current capability of the converter. Table 4
shows the switch voltage stress and output current capa-
bility at different transformer turns ratio.
Table 4. Switch Voltage Stress and Output Current Capability
vs Turns Ratio
NPS
VSW(MAX) at
VIN(MAX) (V)
IOUT(MAX) at
VIN(MIN) (mA)
DUTY CYCLE (%)
1:1
84.3
84
15-25
2:1
96.6
135
25-41
3:1
108.9
168
34-51
Since both NPS = 2 and NPS = 3 can meet the 120mA
output current requirement, NPS = 2 is chosen in this
example to allow more margin for transformer leakage
inductance voltage spike.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com