Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3757
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT8300
10
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 4. Output Power for 24V Output
Figure 1. Output Power for 3.3V Output
Figure 2. Output Power for 5V Output
Figure 3. Output Power for 12V Output
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F01
100
N = 12:1
MAXIMUM
OUTPUT
POWER
N = 8:1
N = 6:1
N = 4:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F02
100
MAXIMUM
OUTPUT
POWER
N = 2:1
N = 4:1
N = 6:1
N = 8:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F03
100
N = 4:1
MAXIMUM
OUTPUT
POWER
N = 3:1
N = 2:1
N = 1:1
INPUT VOLTAGE (V)
0
3.5
2.5
1.5
3.0
2.0
1.0
0.5
0
40
80
20
60
8300 F04
100
N = 1:1
N = 3:2
N = 1:2
MAXIMUM
OUTPUT
POWER
N = 2:1
Primary Inductance Requirement
The LT8300 obtains output voltage information from the
reflected output voltage on the SW pin. The conduction of
secondary current reflects the output voltage on the pri-
mary SW pin. The sample-and-hold error amplifier needs
a minimum 350ns to settle and sample the reflected out-
put voltage. In order to ensure proper sampling, the sec-
ondary winding needs to conduct current for a minimum
of 350ns. The following equation gives the minimum
value for primary-side magnetizing inductance:
LPRI ≥
tOFF(MIN) •NPS • VOUT + VF
(
)
ISW(MIN)
tOFF(MIN) = Minimum switch-off time = 350ns
ISW(MIN) = Minimum switch current limit = 52mA
In addition to the primary inductance requirement for
the minimum switch-off time, the LT8300 has minimum
switch-on time that prevents the chip from turning on
the power switch shorter than approximately 160ns.
This minimum switch-on time is mainly for leading-edge
blanking the initial switch turn-on current spike. If the
inductor current exceeds the desired current limit during
that time, oscillation may occur at the output as the cur-
rent control loop will lose its ability to regulate. Therefore,
the following equation relating to maximum input voltage
must also be followed in selecting primary-side magnetiz-
ing inductance:
LPRI ≥
tON(MIN) • VIN(MAX)
ISW(MIN)
tON(MIN) = Minimum Switch-On Time = 160ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com