Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3757
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8300
11
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
In general, choose a transformer with its primary mag-
netizing inductance about 20% to 40% larger than the
minimum values calculated above. A transformer with
much larger inductance will have a bigger physical size
and may cause instability at light load.
Selecting a Transformer
Transformer specification and design is perhaps the most
critical part of successfully applying the LT8300. In addi-
tion to the usual list of guidelines dealing with high fre-
quency isolated power supply transformer design, the
following information should be carefully considered.
Linear Technology has worked with several leading mag-
netic component manufacturers to produce pre-designed
flyback transformers for use with the LT8300. Table 1
shows the details of these transformers.
Turns Ratio
Note that when choosing the RFB resistor to set output
voltage, the user has relative freedom in selecting a trans-
former turns ratio to suit a given application. In contrast,
the use of simple ratios of small integers, e.g., 4:1, 2:1,
1:1, provides more freedom in settling total turns and
mutual inductance.
Table 5. Predesigned Transformers — Typical Specifications
TRANSFORMER
PART NUMBER
LPRI
(µH)
LLEAKAGE
(µH)
NP:NS:NB
VENDOR
TARGET APPLICATIONS
750312367
400
4.5
8:1
Wurth Elektronik
48V to 3.3V/0.51A, 24V to 3.3V/0.37A, 12V to 3.3V/0.24A
750312557
300
2.5
6:1
Wurth Elektronik
48V to 3.3V/0.42A, 24V to 3.3V/0.32A, 12V to 3.3V/0.22A
48V to 5V/0.38A, 24V to 5V/0.27A, 12V to 5V/0.17A
750312365
300
1.8
4:1
Wurth Elektronik
48V to 5V/0.29A, 24V to 5V/0.22A, 12V to 5V/0.15A
750312558
300
1.75
2:1:1
Wurth Elektronik
48V to ±12V/67mA, 24V to ±12V/50mA, 12V to ±12V/33mA
48V to ±15V/62mA, 24V to ±15V/44mA, 12V to ±15V/28mA
750312559
300
2
1:1
Wurth Elektronik
48V to 24V/67mA, 24V to 24V/50mA, 12V to 24V/33mA
750311019
400
5
6:1:2
Wurth Elektronik
48V to 3.3V/0.42A, 24V to 3.3V/0.32A, 12V to 3.3V/0.22A
48V to 5V/0.38A, 24V to 5V/0.27A, 12V to 5V/0.17A
750311558
300
1.5
4:1:1
Wurth Elektronik
48V to 5V/0.29A, 24V to 5V/0.22A, 12V to 5V/0.15A
750311660
350
3
2:1:0.33
Wurth Elektronik
48V to 12V/0.134A, 24V to 12V/0.1A, 12V to 12V/0.066A
48V to 15V/0.124A, 24V to 15V/0.088A, 12V to 15V/0.056A
750311838
350
3
2:1:1
Wurth Elektronik
48V to ±12V/67mA, 24V to ±12V/50mA, 12V to ±12V/33mA
48V to ±15V/62mA, 24V to ±15V/44mA, 12V to ±15V/28mA
750311659
300
2
1:1:0.2
Wurth Elektronik
48V to 24V/67mA, 24V to 24V/50mA, 12V to 24V/33mA
10396-T026
300
2.5
6:1:2
Sumida
48V to 3.3V/0.42A, 24V to 3.3V/0.32A, 12V to 3.3V/0.22A
48V to 5V/0.38A, 24V to 5V/0.27A, 12V to 5V/0.17A
10396-T024
300
2
4:1:1
Sumida
48V to 5V/0.29A, 24V to 5V/0.22A, 12V to 5V/0.15A
10396-T022
300
2
2:1:0.33
Sumida
48V to 12V/0.134A, 24V to 12V/0.1A, 12V to 12V/0.066A
48V to 15V/0.124A, 24V to 15V/0.088A, 12V to 15V/0.056A
10396-T028
300
2.5
2:1:1
Sumida
48V to ±12V/67mA, 24V to ±12V/50mA, 12V to ±12V/33mA
48V to ±15V/62mA, 24V to ±15V/44mA, 12V to ±15V/28mA
L10-0116
500
7.3
6:1
BH Electronics
48V to 3.3V/0.42A, 24V to 3.3V/0.32A, 12V to 3.3V/0.22A
48V to 5V/0.38A, 24V to 5V/0.27A, 12V to 5V/0.17A
L10-0112
230
3.38
4:1
BH Electronics
48V to 5V/0.29A, 24V to 5V/0.22A, 12V to 5V/0.15A
L11-0067
230
2.16
4:1
BH Electronics
48V to 5V/0.29A, 24V to 5V/0.22A, 12V to 5V/0.15A
* All the transformers are rated for 1.5kV Isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com