Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3757
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8300
14
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Tables 2 and 3 show some recommended diodes and
Zener diodes.
Table 2. Recommended Zener Diodes
PART
VZENER
(V)
POWER
(W)
CASE
VENDOR
MMSZ5266BT1G
68
0.5
SOD-123 On Semi
MMSZ5270BT1G
91
0.5
SOD-123
CMHZ5266B
68
0.5
SOD-123 Central
Semiconductor
CMHZ5267B
75
0.5
SOD-123
BZX84J-68
68
0.5
SOD323F NXP
BZX100A
100
0.5
SOD323F
Table 3. Recommended Diodes
PART
I (A)
VREVERSE
(V)
CASE
VENDOR
BAV21W
0.625
200
SOD-123 Diodes Inc.
BAV20W
0.625
150
SOD-123
The recommended approach for designing an RC snub-
ber is to measure the period of the ringing on the SW
pin when the power switch turns off without the snub-
ber and then add capacitance (starting with 100pF) until
the period of the ringing is 1.5 to 2 times longer. The
change in period will determine the value of the parasitic
capacitance, from which the parasitic inductance can be
determined from the initial period, as well. Once the value
of the SW node capacitance and inductance is known, a
series resistor can be added to the snubber capacitance
to dissipate power and critically dampen the ringing. The
equation for deriving the optimal series resistance using
the observed periods ( tPERIOD and tPERIOD(SNUBBED)) and
snubber capacitance (CSNUBBER) is:
CPAR =
CSNUBBER
tPERIOD(SNUBBED)
tPERIOD
⎛
⎝
⎜
⎞
⎠
⎟
2
− 1
L PAR =
tPERIOD
2
CPAR • 4π
2
RSNUBBER =
LPAR
CPAR
Figure 7. Undervoltage Lockout (UVLO)
LT8300
GND
EN/UVLO
R1
RUN/STOP
CONTROL
(OPTIONAL)
R2
VIN
8300 F07
Note that energy absorbed by the RC snubber will be
converted to heat and will not be delivered to the load.
In high voltage or high current applications, the snubber
may need to be sized for thermal dissipation.
Undervoltage Lockout (UVLO)
A resistive divider from VIN to the EN/UVLO pin imple-
ments undervoltage lockout (UVLO). The EN/UVLO pin
falling threshold is set at 1.223V with 16mV hysteresis.
In addition, the EN/UVLO pin sinks 2.5µA when the volt-
age at the pin is below 1.223V. This current provides user
programmable hysteresis based on the value of R1. The
programmable UVLO thresholds are:
VIN(UVLO+) =
1.239V •(R1+R2)
R2
+ 2.5µA •R1
VIN(UVLO−) =
1.223V •(R1+R2)
R2
Figure 7 shows the implementation of external shutdown
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8300 in shutdown with quiescent current less than 2µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com