Electronic Components Datasheet Search
  English  ▼

X  

LTC2801 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC2801
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2801 Datasheet(HTML) 4 Page - Analog Devices

  LTC2801 Datasheet HTML 1Page - Analog Devices LTC2801 Datasheet HTML 2Page - Analog Devices LTC2801 Datasheet HTML 3Page - Analog Devices LTC2801 Datasheet HTML 4Page - Analog Devices LTC2801 Datasheet HTML 5Page - Analog Devices LTC2801 Datasheet HTML 6Page - Analog Devices LTC2801 Datasheet HTML 7Page - Analog Devices LTC2801 Datasheet HTML 8Page - Analog Devices LTC2801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2873
4
REV B
For more information www.analog.com
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
Receiver Output High Voltage
Output High, I(RO) = –3mA (Sourcing),
3V ≤ VL ≤ 5.5V
l
VL – 0.4
V
Output High, I(RO) = –1mA (Sourcing),
1.7V ≤ VL < 3V
l
VL – 0.4
V
Three-State (High Impedance) Output Current (RO) 0V ≤ RO ≤ VL, VL = 5.5V, RE485 = VL
l
0
±5
µA
Short-Circuit Current (RO)
0V ≤ RO ≤ VL, VL = 5.5V
l
±135
mA
RTERM
Terminating Resistor
TE485 = 0V, VAB = 2V,
VB = –7V, 0V, 10V (Figure 8)
l
108
120
156
Ω
RS232 Driver
VOLD
Output Low Voltage
RL = 3kΩ, VEE ≤ –6V
l
–5
–5.5
VEE
V
VOHD
Output High Voltage
RL = 3kΩ, VDD ≥ 6.5V
l
5
5.9
VDD
V
Output Short-Circuit Current
Driver Output = 0V
l
±25
±90
mA
RS232 Receiver
Input Threshold Voltage
l
0.6
1.5
2.5
V
Input Hysteresis
l
0.1
0.4
1.0
V
Output Low Voltage
I(RO) = 1mA (Sinking), 1.7V ≤ VL < 5.5V
l
0.4
V
Output High Voltage
I(RO) = –1mA (Sourcing), 1.7V ≤ VL < 5.5V
l
VL – 0.4
V
Input Resistance
–15V ≤ B/RI ≤ 15V, 485/232 = 0V
l
3
5
7
kΩ
Output Short-Circuit Current
VL = 5.5V, 0V ≤ RO ≤ VL
l
±25
±50
mA
Logic Inputs
Threshold Voltage
l
0.4
0.75 • VL
V
Input Current
l
0
±5
µA
ESD
Interface Pins (A/DO, B/RI)
Human Body Model to GND or VCC, Powered
or Unpowered (Note 5)
±26
kV
All Other Pins
Human Body Model (Note 5)
±4
kV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V, TE485 = VL, LB = 0V unless otherwise noted. (Notes 2, 6)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com