Electronic Components Datasheet Search
  English  ▼

X  

LTC2801 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2801
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2801 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2801 Datasheet HTML 7Page - Analog Devices LTC2801 Datasheet HTML 8Page - Analog Devices LTC2801 Datasheet HTML 9Page - Analog Devices LTC2801 Datasheet HTML 10Page - Analog Devices LTC2801 Datasheet HTML 11Page - Analog Devices LTC2801 Datasheet HTML 12Page - Analog Devices LTC2801 Datasheet HTML 13Page - Analog Devices LTC2801 Datasheet HTML 14Page - Analog Devices LTC2801 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC2873
11
REV B
For more information www.analog.com
BLOCK DIAGRAM
2873 BD
CONTROL
LOGIC
DRIVERS
RECEIVERS
LOOPBACK
PATH
0.1µF
SHDN
485/232
DE485/F232
RE485
TE485
LB
DI
RO
GND
B/RI
A/DO
VEE
VDD
1.7V TO 5.5V
(≤ VCC)
PULSE-SKIPPING
BOOST
REGULATOR
f = 1.2MHz
RT232
RT485
2.2µF
10µH
220nF
3V TO 5.5V
1µF
1µF
CAP
SW
VCC
VL
232
485
232
485
5k
RT232
125k
RT485
120
125k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com