Electronic Components Datasheet Search
  English  ▼

X  

LTC2801 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2801
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2801 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2801 Datasheet HTML 17Page - Analog Devices LTC2801 Datasheet HTML 18Page - Analog Devices LTC2801 Datasheet HTML 19Page - Analog Devices LTC2801 Datasheet HTML 20Page - Analog Devices LTC2801 Datasheet HTML 21Page - Analog Devices LTC2801 Datasheet HTML 22Page - Analog Devices LTC2801 Datasheet HTML 23Page - Analog Devices LTC2801 Datasheet HTML 24Page - Analog Devices LTC2801 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2873
21
REV B
For more information www.analog.com
Figure 20. Equivalent RS485 Receiver Input Resistance
Into A/DO and B/RI
2873 F20
A/DO
B/RI
TE485
60
60
125k
125k
undriven, to change state momentarily. In these extreme
conditions, high quality shielded cable is recommended.
If necessary, biasing resistors can be used on the bus to
pull the resting signal farther from the receivers failsafe
threshold.
Receiver Outputs
The RS232 and RS485 receiver outputs are internally
driven high (to VL) or low (to GND) with no external pull
up needed. When the receivers are disabled the output pin
becomes Hi-Z with leakage of less than ±5µA for voltages
within the VL supply range.
RS485 Receiver Input Resistance
In RS485 mode, the RS485 receiver input resistance from
A/DO or B/RI to GND is 125kΩ (typical) when the inte-
grated termination is disabled. This permits up to a total
of 256 receivers per system without exceeding the RS485
receiver loading specification. The input resistance of the
receiver is unaffected by enabling/disabling the receiver
or whether the part is in loopback mode, or unpowered.
The equivalent input resistance looking into the RS485
receiver pins is shown in Figure 20.
Figure 21. Typical Resistance of the Enabled RS485
Terminator vs Common Mode Voltage of A/DO and B/RI
VOLTAGE (V)
–10
126
124
122
118
120
116
10
–5
2873 F21
15
5
0
VCC = 5.0V
VCC = 3.3V
APPLICATIONS INFORMATION
Selectable RS485 Termination
Propercableterminationisimportantforgoodsignalfidel-
ity. When the cable is not terminated with its characteristic
impedance, reflections cause waveform distortion.
The LTC2873 offers an integrated switchable 120Ω ter-
mination resistor between pins A/DO and B/RI.
This termination supports communication over a twisted
paircablewithcharacteristicimpedanceof120Ωor100Ω,
including CAT-5 cables. It has the advantage of being
able to easily change, through logic control, the proper
line termination for correct operation when configuring
transceiver networks. Termination should be enabled on
transceivers positioned at both ends of the network bus
only. However, the driving end of a line does not need to
be terminated. By turning off termination at the driver, the
reduced load results in less power dissipation and a larger
signal swing on the bus. TE485 can be tied to DE485/F232
to logically switch the termination on only when the driver
is inactive if the termination enable/disable delays can be
toleratedintheoverallsystemleveltiming.Ifthedelaysare
not acceptable, tie TE485 low to enable termination for all
modes of RS485 operation, whether driving or receiving.
The termination resistance is maintained over the entire
RS485 common mode range of –7V to 12V as shown in
Figure 21. The voltage across pins with the terminating
resistor enabled should not exceed 6V as indicated in the
Absolute Maximum Ratings table.
RS232 Receiver Input Resistance
In RS232 mode, the receiver input resistance on the
B/RI pin is always 5k to GND. In any other mode, this
resistor is switched out. The 120Ω RS485 termination
resistor between pins A/DO and B/RI is never engaged
in RS232 mode, regardless of the state of TE485 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com