Electronic Components Datasheet Search
  English  ▼

X  

LTC2801 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2801
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2801 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2801 Datasheet HTML 9Page - Analog Devices LTC2801 Datasheet HTML 10Page - Analog Devices LTC2801 Datasheet HTML 11Page - Analog Devices LTC2801 Datasheet HTML 12Page - Analog Devices LTC2801 Datasheet HTML 13Page - Analog Devices LTC2801 Datasheet HTML 14Page - Analog Devices LTC2801 Datasheet HTML 15Page - Analog Devices LTC2801 Datasheet HTML 16Page - Analog Devices LTC2801 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2873
13
REV B
For more information www.analog.com
Figure 5. RS485 Driver Enable and Disable Timing Measurements
Figure 6. RS485 Receiver Propagation Delay Measurements
Figure 7. RS485 Receiver Enable and Disable Timing Measurements
TEST CIRCUITS
Figure 8. RS485 Termination Resistance and Timing Measurements
2873 F05
tZLD485,
tZLSD485
tLZD485,
tLZSD485
tHZD485,
tHZSD485
tZHD485,
tZHSD485
½VCC
½VCC
VL
VOL
VCC
VOH
0V
0V
A/DO OR B/RI
B/RI OR A/DO
DRIVER
DI
DE485/F232
OR SHDN
VL
OR
GND
A/DO
RL
B/RI
GND
OR
VCC
VCC
OR
GND
RL
CL
CL
½VL
½VL
DE485/F232
OR SHDN
0.5V
0.5V
2873 F06
RECEIVER
VCM
±VAB/2
A/DO
B/RI
RO
±VAB/2
CL
tPLHR485
tSKEWR485 = tPLHR485 – tPHLR485
tRR485
90%
0V
½VL
A/DO TO B/RI
RO
10%
tPHLR485
tFR485
90%
0V
–VAB
VAB
½VL
10%
VL
2873 F08
RECEIVER
VAB
A/DO
B/RI
VAB
IA
RTERM =
VB
½VL
½VL
TE485
IA
IA
90%
10%
tRTZ485
tRTEN485
0V
VL
TE485
+–
+–
2873 F07
tZLR485,
tZLRSR485
tLZR485,
tLZSR485
tHZR485,
tHZSR485
tZHR485,
tZHRSR485
½VL
½VL
VL
VOL
VL
VOH
0V
0V
RE485
OR SHDN
RO
RO
RECEIVER
RO
RE485
OR SHDN
0V TO 3V
3V TO 0V
A/DO
RL
B/RI
VL
OR
GND
CL
½VL
½VL
0.5V
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com