Electronic Components Datasheet Search
  English  ▼

X  

LTC2801 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2801
Description  Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2801 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2801 Datasheet HTML 5Page - Analog Devices LTC2801 Datasheet HTML 6Page - Analog Devices LTC2801 Datasheet HTML 7Page - Analog Devices LTC2801 Datasheet HTML 8Page - Analog Devices LTC2801 Datasheet HTML 9Page - Analog Devices LTC2801 Datasheet HTML 10Page - Analog Devices LTC2801 Datasheet HTML 11Page - Analog Devices LTC2801 Datasheet HTML 12Page - Analog Devices LTC2801 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC2873
9
REV B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, VCC = VL = 3.3V, unless otherwise noted.
RS232/RS485 Mode Switching
Transition from Shutdown to RS232
Driver Output Going High and Low
VDD and VEE Ripple
RS232
RS485
2µs/DIV
DI
485/232
5V/DIV
A/DO
3V/DIV
B/RI
2873 G19
A HIGH
A LOW
SHDN
VEE
VDD
40µs/DIV
3V/DIV
2873 G20
10mV/DIV
2873 G21
40µs/DIV
RS485 READY MODE,
ALL DRIVERS AND RECEIVERS DISABLED
VDD RIPPLE
VEE RIPPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com