Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 67 Page - Texas Instruments

Part # TUSB3200A
Description  USB STREAMING CONTROLLER (STC)
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200A Datasheet(HTML) 67 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 63Page - Texas Instruments TUSB3200A Datasheet HTML 64Page - Texas Instruments TUSB3200A Datasheet HTML 65Page - Texas Instruments TUSB3200A Datasheet HTML 66Page - Texas Instruments TUSB3200A Datasheet HTML 67Page - Texas Instruments TUSB3200A Datasheet HTML 68Page - Texas Instruments TUSB3200A Datasheet HTML 69Page - Texas Instruments TUSB3200A Datasheet HTML 70Page - Texas Instruments TUSB3200A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
A–19
A.5.1.3 USB Interrupt Mask Register (USBMSK – Address FFFDh)
The USB interrupt mask register contains the interrupt mask bits used to enable or disable the generation of interrupts
based on the corresponding status bits.
Bit
7
6
5
4
3
2
1
0
Mnemonic
RSTR
SUSR
RESR
SOF
PSOF
SETUP
—
STPOW
Type
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
RSTR
Function reset
The function reset interrupt mask bit is set to a 1 by the MCU to enable the USB
function reset interrupt.
6
SUSR
Function suspend
The function suspend interrupt mask bit is set to a 1 by the MCU to enable the USB
function suspend interrupt.
5
RESR
Function resume
The function resume interrupt mask bit is set to a 1 by the MCU to enable the USB
function resume interrupt.
4
SOF
Start-of-frame
The start-of-frame interrupt mask bit is set to a 1 by the MCU to enable the USB
start-of-frame interrupt.
3
PSOF
Pseudo start-of-frame
The pseudo start-of-frame interrupt mask bit is set to a 1 by the MCU to enable the
USB pseudo start-of-frame interrupt.
2
SETUP
Setup stage transaction
The setup stage transaction interrupt mask bit is set to a 1 by the MCU to enable the
USB setup stage transaction interrupt.
1
—
Reserved
Reserved for future use
0
STPOW
Setup stage transaction over-
write
The setup stage transaction over-write interrupt mask bit is set to a 1 by the MCU to
enable the USB setup stage transaction over-write interrupt.
A.5.1.4 USB Control Register (USBCTL – Address FFFCh)
The USB control register contains various control bits used for USB operations.
Bit
7
6
5
4
3
2
1
0
Mnemonic
CONT
FEN
RWUP
FRSTE
—
—
—
—
Type
R/W
R/W
R/W
R/W
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
CONT
Function connect
The function connect bit is set to a 1 by the MCU to connect the TUSB3200A device
to the USB. As a result of connecting to the USB, the host PC should enumerate the
function. When this bit is set, the USB data plus pullup resistor (PUR) output signal is
enabled, which will connect the pullup on the PCB to the TUSB3200A 3.3-V supply
voltage. When this bit is cleared to a 0, the PUR output is in the 3-state mode. This bit
is not affected by a USB reset.
6
FEN
Function enable
The function enable bit is set to a 1 by the MCU to enable the TUSB3200A device to
respond to USB transactions. If this bit is cleared to a 0, the UBM will ignore all USB
transactions. This bit is cleared by a USB reset.
5
RWUP
Remote wake-up
The remote wake-up bit is set to a 1 by the MCU to request the suspend/resume
logic to generate resume signaling upstream on the USB. This bit is used to exit a
USB low-power suspend state when a remote wake-up event occurs. After initiating
the resume signaling by setting this bit, the MCU should clear this bit within 2.5
µs.
4
FRSTE
Function reset enable
The function reset enable bit is set to a 1 by the MCU to enable the USB reset to reset
all internal logic including the MCU. However, the shadow the ROM (SDW) and the
USB function connect (CONT) bits will not be reset. When this bit is set, the reset
output (RSTO) signal from the TUSB3200A device will also be active when a USB
reset occurs. This bit is not affected by USB reset.
3:0
—
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com