Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 91 Page - Texas Instruments

Part # TUSB3200A
Description  USB STREAMING CONTROLLER (STC)
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200A Datasheet(HTML) 91 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 85Page - Texas Instruments TUSB3200A Datasheet HTML 86Page - Texas Instruments TUSB3200A Datasheet HTML 87Page - Texas Instruments TUSB3200A Datasheet HTML 88Page - Texas Instruments TUSB3200A Datasheet HTML 89Page - Texas Instruments TUSB3200A Datasheet HTML 90Page - Texas Instruments TUSB3200A Datasheet HTML 91Page - Texas Instruments TUSB3200A Datasheet HTML 92Page - Texas Instruments TUSB3200A Datasheet HTML 93Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
B–1
Appendix B
Mechanical Data
PAH (S-PQFP-G52)
PLASTIC QUAD FLATPACK
0,13 NOM
0,25
0,45
0,75
0,05 MIN
Seating Plane
4040281 / C 11/96
Gage Plane
27
0,22
0,38
13
39
1
7,80 TYP
40
52
SQ
9,80
1,05
0,95
11,80
12,20
1,20 MAX
10,20
SQ
26
14
0,10
0,65
M
0,13
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com