Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB3200A
Description  USB STREAMING CONTROLLER (STC)
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 5Page - Texas Instruments TUSB3200A Datasheet HTML 6Page - Texas Instruments TUSB3200A Datasheet HTML 7Page - Texas Instruments TUSB3200A Datasheet HTML 8Page - Texas Instruments TUSB3200A Datasheet HTML 9Page - Texas Instruments TUSB3200A Datasheet HTML 10Page - Texas Instruments TUSB3200A Datasheet HTML 11Page - Texas Instruments TUSB3200A Datasheet HTML 12Page - Texas Instruments TUSB3200A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
1–3
1.2
Functional Block Diagram
8052 Core
PWM
Counters
I2C
Control
Control/Status
Registers
Codec Port
Interface
2K x 8
SRAM
DMA0
DMA1
DMA2
DMA3
OEP
IEP
DMA Controller
and
USB Buffer Manager
4K ROM
8K RAM
USB Serial
OSC
PLL
ACG
Suspend
/Resume
Logic
PWM
I2C Bus
C-Port
Port–3
Port–1
USB
SOF
CLOCKS
6 MHz
Interface
Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com