Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB3200A
Description  USB STREAMING CONTROLLER (STC)
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200A Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 10Page - Texas Instruments TUSB3200A Datasheet HTML 11Page - Texas Instruments TUSB3200A Datasheet HTML 12Page - Texas Instruments TUSB3200A Datasheet HTML 13Page - Texas Instruments TUSB3200A Datasheet HTML 14Page - Texas Instruments TUSB3200A Datasheet HTML 15Page - Texas Instruments TUSB3200A Datasheet HTML 16Page - Texas Instruments TUSB3200A Datasheet HTML 17Page - Texas Instruments TUSB3200A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
1–8
1.7
Terminal Functions – External MCU Mode (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
MCUAD1
25
I/O
MCU multiplexed address/data bit 1: Multiplexed address bit 1/data bit 1 for external MCU access to the
TUSB3200A external data memory space.
MCUAD2
26
I/O
MCU multiplexed address/data bit 2: Multiplexed address bit 2/data bit 2 for external MCU access to the
TUSB3200A external data memory space.
MCUAD3
28
I/O
MCU multiplexed address/data bit 3: Multiplexed address bit 3/data bit 3 for external MCU access to the
TUSB3200A external data memory space.
MCUAD4
29
I/O
MCU multiplexed address/data bit 4: Multiplexed address bit 4/data bit 4 for external MCU access to the
TUSB3200A external data memory space.
MCUAD5
30
I/O
MCU multiplexed address/data bit 5: Multiplexed address bit 5/data bit 5 for external MCU access to the
TUSB3200A external data memory space.
MCUAD6
31
I/O
MCU multiplexed address/data bit 6: Multiplexed address bit 6/data bit 6 for external MCU access to the
TUSB3200A external data memory space.
MCUAD7
32
I/O
MCU multiplexed address/data bit 7: Multiplexed address bit 7/data bit 7 for external MCU access to the
TUSB3200A external data memory space.
MCUA8
14
I
MCU address bit 8: Multiplexed address bit 8 for external MCU access to the TUSB3200A external data memory
space.
MCUA9
15
I
MCU address bit 9: Multiplexed address bit 9 for external MCU access to the TUSB3200A external data memory
space.
MCUA10
18
I
MCU address bit 10: Multiplexed address bit 10 for external MCU access to the TUSB3200A external data
memory space.
MCUALE
19
I
MCU address latch enable: Address latch enable for external MCU access to the TUSB3200A external data
memory space.
MCUINTO
20
O
MCU interrupt output: Interrupt output to be used for external MCU INTO input signal. All internal TUSB3200A
interrupt sources are ORed together to generate this output signal.
MCURD
23
I
MCU read strobe: Read strobe for external MCU read access to the TUSB3200A external data memory space.
MCUWR
22
I
MCU write strobe: Write strobe for external MCU write access to the TUSB3200A external data memory space.
MRESET
10
I
Master reset: An active low asynchronous reset for the device that resets all logic to the default state. This signal
uses a 3.3-V TTL/LVCMOS input bufer.
Not Used
4
O
This pin is not used in the external MCU mode.
PLLFILI
52
I
PLL loop filter input: Input to on-chip PLL from external filter components.
PLLFILO
1
O
PLL loop filter output: Output to on-chip PLL from external filter components.
PUR
6
O
USB data signal plus pullup resistor connect: PUR is used to connect the pullup resistor on the DP signal to 3.3-V
or a 3-state. When the DP signal is connected to 3.3-V the host PC should detect the connection of the
TUSB3200A device to the universal serial bus. This signal uses a 3.3-V TTL/LVCMOS output buffer.
PWMO
3
O
PWM output: Output of the pulse width modulation circuit. This signal uses a 3.3-V to 5-V CMOS level shifting
output buffer.
RSTO
13
O
Reset output: Output that is active while the master reset input or the USB reset is active. This signal uses a 3.3-V
TTL/LVCMOS output buffer.
SCL
42
O
I2C interface serial clock: SCL is the clock signal for the I2C serial interface. This signal uses a 3.3-V to 5-V TTL
level shifting open drain output buffer.
SDA
41
I/O
I2C interface serial data input/output: SDA is the bidirectional data signal for the I2C serial interface. This signal
uses a 3.3-V to 5-V TTL level shifting open drain output buffer and a 5-V to 3.3-V TTL level shifting input buffer.
TEST
11
I
Test mode enable: Input used to enable the device for the factory test mode. This signal uses a 3.3-V TTL/
LVCMOS input buffer.
XINT
17
I
External interrupt: An active low input used by external circuitry to interrupt the on-chip 8052 MCU. This signal
uses a 5-V compatible input buffer.
XTALI
51
I
Crystal input: Input to the on-chip oscillator from an external 6-MHz crystal.
XTALO
50
O
Crystal output: Output from the on-chip oscillator to an external 6-MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com