Electronic Components Datasheet Search
  English  ▼

X  

TUSB3200A Datasheet(PDF) 69 Page - Texas Instruments

Part # TUSB3200A
Description  USB STREAMING CONTROLLER (STC)
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200A Datasheet(HTML) 69 Page - Texas Instruments

Back Button TUSB3200A Datasheet HTML 65Page - Texas Instruments TUSB3200A Datasheet HTML 66Page - Texas Instruments TUSB3200A Datasheet HTML 67Page - Texas Instruments TUSB3200A Datasheet HTML 68Page - Texas Instruments TUSB3200A Datasheet HTML 69Page - Texas Instruments TUSB3200A Datasheet HTML 70Page - Texas Instruments TUSB3200A Datasheet HTML 71Page - Texas Instruments TUSB3200A Datasheet HTML 72Page - Texas Instruments TUSB3200A Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
A–21
A.5.2.2 DMA Channel 3 Time Slot Assignment Register (High Byte) (DMATSH3 – Address FFF8h)
The DMA channel 3 time slot assignment register (high byte) contains the six most significant time slot bits. In addition,
this register contains the bytes per time slot control bits.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BPTS1
BPTS0
TSL13
TSL12
TSL11
TSL10
TSL9
TSL8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:6
BPTS(1:0)
Bytes per time slot
The bytes per time slot bits are used to define the number of bytes to be transferred
for each time slot supported by this DMA channel.
00b = 1 byte,
01b = 2 bytes,
10b = 3 bytes,
11b = 4 bytes
5:0
TSL(13:8)
Time slot assignment
The DMA time slot assignment bits are set to a 1 by the MCU to define the codec port
interface time slots supported by this DMA channel.
A.5.2.3 DMA Channel 3 Control Register (DMACTL3 – Address FFF7h)
The DMA channel 3 control register is used to store various control bits for DMA channel 3.
Bit
7
6
5
4
3
2
1
0
Mnemonic
DMAEN
WABEN
—
—
EPDIR
EPNUM2
EPNUM1
EPNUM0
Type
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
DMAEN
DMA enable
The DMA enable bit is set to a 1 by the MCU to enable this DMA channel. Before
enabling the DMA channel, all other DMA channel configuration bits should be set to
the desired value.
6
WABEN
Wrap-around buffer enable
The wrap-around buffer enable bit is used by the MCU to enable or disable the
wrap-around buffer operation. The wrap-around buffer operation can only be used
by isochronous out endpoints or isochronous in endpoints that are serviced by the
DMA channels. The wrap-around buffer operation is enabled or disabled separately
for each DMA channel. For a DMA channel, the MCU should set this bit to a 1 to
enable the wrap-around buffer operation and clear this bit to a 0 to disable the
wrap-around buffer operation. Both the DMA channel and UBM logic use this bit to
determine the required functionality.
5
—
Reserved
Reserved for future use
4
—
Reserved
Reserved for future use
3
EPDIR
USB endpoint direction
The USB endpoint direction bit controls the direction of data transfer by this DMA
channel. The MCU should set this bit to a 1 to configure this DMA channel to be used
for a USB in endpoint. The MCU should clear this bit to a 0 to configure this DMA
channel to be used for a USB out endpoint.
2:0
EPNUM(2:0)
USB endpoint number
The USB endpoint number bits are set by the MCU to define the USB endpoint
number supported by this DMA channel. Keep in mind that endpoint 0 is always
used for the control endpoint, which is serviced by the MCU and not a DMA channel.
001b = Endpoint 1,
010b = Endpoint 2,
…,
111b = Endpoint 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com