Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6713
Description  TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV6713 Datasheet(HTML) 4 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6 Pin Configuration and Functions
1
2
3
6
5
4
OUTB
VDD
INB
-
OUTA
GND
INA+
Figure 6-1. DDC Package, SOT-23-6, Top View
1
2
3
6
5
4
OUTA
GND
INA+
OUTB
VDD
INB
-
Figure 6-2. DSE Package, WSON-6, Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DDC
DSE
GND
2
5
—
Ground
INA+
3
4
I
This pin is connected to the voltage to be monitored with the use of an external resistor
divider. When the voltage at this terminal drops below the threshold voltage (VITP – V
HYS), OUTA is driven low.
INB–
4
3
I
This pin is connected to the voltage to be monitored with the use of an external resistor
divider. When the voltage at this terminal exceeds the threshold voltage (VITP), OUTB is
driven low.
OUTA
1
6
O
INA+ comparator open-drain output. OUTA is driven low when the voltage at this
comparator is below (VITP – VHYS). The output goes high when the sense voltage
returns above the respective threshold (VITP).
OUTB
6
1
O
INB– comparator open-drain output. OUTB is driven low when the voltage at this
comparator exceeds VITP. The output goes high when the sense voltage returns below
the respective threshold (VITP – VHYS).
VDD
5
2
I
Supply voltage input. Connect a 1.8-V to 18-V supply to VDD to power the device. Good
analog design practice is to place a 0.1-µF ceramic capacitor close to this pin.
TLV6700-Q1
SNVSBG5 – NOVEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV6700-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com