Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6713
Description  TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV6713 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
7.9 Typical Characteristics
at TJ = 25°C and VDD = 5 V (unless otherwise noted)
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
6
7
8
9
10
D001
40qC
0qC
25qC
85qC
125qC
Figure 7-2. Supply Current (IDD) vs Supply Voltage (VDD)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.4
399.8
400.2
400.6
401
D003
VDD = 1.8 V
VDD = 5 V
VDD = 1.2 V
VDD = 18 V
Figure 7-3. Rising Input Threshold Voltage (VIT+) vs
Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3
4
5
6
7
8
9
D004
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
Figure 7-4. Hysteresis (Vhys) vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
9
11
13
15
17
19
21
23
25
27
29
31
D005
VDD = 1.8 V, INB to OUTB
VDD = 18 V, INB to OUTB
VDD = 1.8 V, INA+ to OUTA
VDD = 18 V, INA+ to OUTA
Figure 7-5. Propagation Delay vs Temperature (High-to-Low
Transition at the Inputs)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
8
10
12
14
16
18
20
22
24
26
28
30
D006
VDD = 1.8 V, INB to OUTB
VDD = 18 V, INB to OUTB
VDD = 1.8 V, INA+ to OUTA
VDD = 18 V, INA+ to OUTA
Figure 7-6. Propagation Delay vs Temperature (Low-to-High
Transition at the Inputs)
Positive-Going Input Threshold Overdrive (%)
2.5
4
5.5
7
8.5
10
11.5
13
14.5
16
0
2
4
6
8
10
12
14
16
18
20
D007
INA+
INB–
INA+ = negative spike below VIT–
INB– = positive spike above VIT+
Figure 7-7. Minimum Pulse Duration vs Threshold Overdrive
Voltage
TLV6700-Q1
SNVSBG5 – NOVEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV6700-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com