Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6713
Description  TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV6713 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7.9 Typical Characteristics (continued)
at TJ = 25°C and VDD = 5 V (unless otherwise noted)
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
1
2
3
4
5
6
7
8
9
10
11
D008
40qC
0qC
25qC
85qC
125qC
Figure 7-8. Supply Current (IDD) vs Output Sink Current
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D009
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Figure 7-9. Output Voltage Low (VOL) vs Output Sink Current (–
40°C)
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D010
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Figure 7-10. Output Voltage Low (VOL) vs Output Sink Current
(0°C)
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D011
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Figure 7-11. Output Voltage Low (VOL) vs Output Sink Current
(25°C)
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D012
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Figure 7-12. Output Voltage Low (VOL) vs Output Sink Current
(85°C)
Output Sink Current (mA)
0
5
10
15
20
25
30
35
40
0
250
500
750
1000
1250
1500
1750
2000
D013
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Figure 7-13. Output Voltage Low (VOL) vs Output Sink Current
(125°C)
www.ti.com
TLV6700-Q1
SNVSBG5 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV6700-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com