Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6713
Description  TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV6713 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7.6 Timing Requirements
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
tPHL
High-to-low propagation delay(1)
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
see Figure 7-1
18
µs
tPLH
Low-to-high propagation delay(1)
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VOH = 0.9 × VDD, VOL = 400 mV,
see Figure 7-1
29
µs
(1)
High-to-low and low-to-high refers to the transition at the input terminals (INA+ and INB–).
7.7 Switching Characteristics
Over operating temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output rise time
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
2.2
µs
tf
Output fall time
VDD = 5 V, 10-mV input overdrive,
RP = 10 kΩ, VO = (0.1 to 0.9) × VDD
0.22
µs
7.8 Timing Diagrams
V
DD
INA+
OUTA
INB–
OUTB
V
IT+
V
hys
V
IT+
V
hys
t
PLH
t
PLH
t
PLH
t
PHL
t
PHL
Figure 7-1. Timing Diagram
www.ti.com
TLV6700-Q1
SNVSBG5 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV6700-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com