Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6713
Description  TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV6713 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
For comparator B, the corresponding output (OUTB) is driven to logic low when the voltage at input INB–
exceeds VIT+. When the voltage drops below VIT+ – Vhys the output (OUTB) goes to a high-impedance state; see
Figure 7-1. Together, these comparators form a window-detection function as discussed in the Section 8.3.3
section.
8.3.2 Outputs (OUTA, OUTB)
In a typical TLV6700-Q1 application, the outputs are connected to a GPIO input of the processor (such as a
digital signal processor [DSP], central processing unit [CPU], field-programmable gate array [FPGA], or
application-specific integrated circuit [ASIC]).
The TLV6700-Q1 device provides two open-drain outputs (OUTA and OUTB). Pullup resistors must be used to
hold these lines high when the output goes to high impedance (not asserted). By connecting pullup resistors to
the proper voltage rails, the outputs can be connected to other devices at the correct interface-voltage levels.
The TLV6700-Q1 outputs can be pulled up to 18 V, independent of the device supply voltage. By using wired-OR
logic, OUTA and OUTB can merge into one logic signal that goes low if either outputs are asserted because of a
fault condition.
Table 8-1 and the Section 8.3.1 section describe how the outputs are asserted or deasserted. See Figure 7-1 for
a timing diagram that describes the relationship between threshold voltages and the respective output.
8.3.3 Window Comparator
The inverting and noninverting configuration of the comparators forms a window-comparator detection circuit
using a resistor divider network, as illustrated in Figure 8-1 and Figure 8-2. The input terminals can monitor any
system voltage above 400 mV with the use of a resistor divider network. The INA+ and INB– terminals monitor
for undervoltage and overvoltage conditions, respectively.
Figure 8-1. Window Comparator Block Diagram
www.ti.com
TLV6700-Q1
SNVSBG5 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV6700-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com