Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 6 Page - PREMA Semiconductor.

Part # PR4402
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4402 Datasheet(HTML) 6 Page - PREMA Semiconductor.

Back Button PR4402 Datasheet HTML 2Page - PREMA Semiconductor. PR4402 Datasheet HTML 3Page - PREMA Semiconductor. PR4402 Datasheet HTML 4Page - PREMA Semiconductor. PR4402 Datasheet HTML 5Page - PREMA Semiconductor. PR4402 Datasheet HTML 6Page - PREMA Semiconductor. PR4402 Datasheet HTML 7Page - PREMA Semiconductor. PR4402 Datasheet HTML 8Page - PREMA Semiconductor. PR4402 Datasheet HTML 9Page - PREMA Semiconductor. PR4402 Datasheet HTML 10Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LED Driver PR4401 / PR4402
Application Notes
INFLUENCE OF THE LED FORWARD VOLATAGE
(measured with 1 LED / 2 LEDs in parallel; Vcc = 1.5 V)
Circuit
LED Peak
Forward
Voltage
LED
Mean
Current
Mean
Supply
Current
Efficiency
10 µH
1 LED
5.8 V
20 mA
70 mA
77 %
10 µH
2 LEDs ||
4.6 V
24 mA
70 mA
80 %
22 µH
1 LED
4.2 V
13 mA
33 mA
82 %
22 µH
2 LEDs ||
3.5 V
14 mA
32 mA
82 %
SELECTION OF PR4401 AND PR4402
The circuit type should be selected according to
the required LED current:
• PR4401 is best operated with inductors
between 10 and 22 µH.
• PR4402 is best operated with inductors
between 4.7 and 10 µH.
Using lower inductances may lead to erratic
behaviour, especially at low supply voltages
and should be avoided.
Operating with higher inductances is possible
and will lead to lower supply and LED currents.
However the quiescent current which is
independent of the inductance will lead to a
lower overall efficiency. Since PR4402 has about
twice the quiescent current of PR4401, it is not
recommended for small LED currents.
LED COMPATIBILITY
It must be considered that the peak current
through the LED is a factor of up to 7 higher
than the mean current. LED lifetime may be
affected if operated outside the range specified
by the LED vendor. Since the emission spectrum
of white LEDs usually depends on the current,
the light color may shift to blueish white. High
peak currents may also saturate the LED and
reduce the light efficiency of the LED. If the
rated LED peak current is exceeded, it is
recommended to use a smoothing capacitor
and diode to provide a continuous output
current (see below). With most standard LEDs,
this will improve the overall performance with
inductors of 10 µH and less, or mean output
currents of 23 mA and more.
Note that with especially with the higher
currents of PR4402 the current rating of most
standard LEDs is exceeded, and more powerful
or multiple LEDs must be used.
INDUCTUR COMPATIBILITY
While the series resistance of the coil has a
small impact on the LED current, it is important
that the saturation current is higher than the
maximum peak current over the supply voltage
range. Inductors optimized for DC-DC converters
are mostly suitable.
CONNECTION FROM BATTERY
Due to high peak currents, it is important to
connect the PR4401/PR4402 to the battery with
short, low resistance wires, to achieve the best
performance. A voltage drop along the wire
affects LED current, efficiency and minimum
startup and operating voltage. This is most
critical for applications with low inductivity and
high current. In cases where a longer wire from
the battery cannot be avoided, a capacitor
should be placed close to the Vcc and Gnd pin of
PR4401. Typically capacitors between 220 nF
and 1 µF are used. With PR4402 operated at
higher currents, a blocking capacitor is usually
necessary even if wires or board layout are
optimized.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com