Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 7 Page - PREMA Semiconductor.

Part # PR4402
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4402 Datasheet(HTML) 7 Page - PREMA Semiconductor.

Back Button PR4402 Datasheet HTML 3Page - PREMA Semiconductor. PR4402 Datasheet HTML 4Page - PREMA Semiconductor. PR4402 Datasheet HTML 5Page - PREMA Semiconductor. PR4402 Datasheet HTML 6Page - PREMA Semiconductor. PR4402 Datasheet HTML 7Page - PREMA Semiconductor. PR4402 Datasheet HTML 8Page - PREMA Semiconductor. PR4402 Datasheet HTML 9Page - PREMA Semiconductor. PR4402 Datasheet HTML 10Page - PREMA Semiconductor. PR4402 Datasheet HTML 11Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LED Driver PR4401 / PR4402
Application Notes
TYPICAL BATTERY LIFE TIME
Battery
Lifetime
L1 = 22 µH
LED mean
current 12 mA
Battery
L1 = 10 µH
LED mean
current 23 mA
AA (Mignon,
LR 6/AM-3)
55 h
27 h
AAA (Micro,
LR 03/AM-4)
22 h
8 h
Conditions: one white LED connected, measured with
single 1.5 V TDK Alkaline battery.
Battery lifetime depends on battery capacity and
operating conditions. Therefore the times indicated
here can only give a rough indication of achievable
times.
USING DIFFERENT BATTERY TYPES
The input voltage must be 1.9 V at maximum. At
higher voltages the circuit may not trigger and
start up correctly. Therefore operation with one
Alkaline, NiCd, or NiMH cell (AA or AAA type) is
recommended.
Alkaline button cells can also be used for
supply. However, since high peak currents are
drawn from the battery, button cells are
recommended only with inductors of 22 µH or
more, depending on the battery type. A
capacitor at the supply pins of PR4401 may also
improve performance with button cells.
Lithium batteries are not suitable due to their
higher voltage.
CONNECTING SEVERAL LEDs IN PARALLEL
When several LEDs are connected in parallel, it
is necessary to match the forward voltage of
these LEDs, to achieve a uniform brightness.
The total current of all LEDs together
corresponds approximately to the mean output
current for operation with one LED.
Vcc
Gnd
Vout
PR4402
Vbat = 1.2 V
or 1.5 V
L1 = 4.7 µH
Matching
White LEDs
470 nF
Vcc
Gnd
Vout
PR4401/02
Vbat = 1.2 V
or 1.5 V
L1
White
LED
S
OPERATION OF LEDs WITH SMOOTHED CURRENT
(RECTIFIER)
With a diode (preferably a Schottky diode) and a
smoothing capacitor the voltage at the LED can
be buffered if necessary. The capacitance must
be small enough so that the voltage at the
capacitor will exceed a voltage of 2.5 V in the
first cycle, otherwise the circuit may not start
up.
In most cases, values between 100 nF and
1 µF are appropriate. Due to different load
characteristics, output current and efficiency
are typically higher than without capacitor,
especially in the high-current range.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com