Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR4402
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4402 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR4402 Datasheet HTML 1Page - PREMA Semiconductor. PR4402 Datasheet HTML 2Page - PREMA Semiconductor. PR4402 Datasheet HTML 3Page - PREMA Semiconductor. PR4402 Datasheet HTML 4Page - PREMA Semiconductor. PR4402 Datasheet HTML 5Page - PREMA Semiconductor. PR4402 Datasheet HTML 6Page - PREMA Semiconductor. PR4402 Datasheet HTML 7Page - PREMA Semiconductor. PR4402 Datasheet HTML 8Page - PREMA Semiconductor. PR4402 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LED Driver PR4401 / PR4402
Electrical Properties
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATNGS
(PR4401 and PR4402)
Parameter
Units Min Max
Vcc (no damage)
[V]
-0.3
8
Operating Temperature Range
[°C]
-20
85
Storage Temperature Range
[°C]
-55
150
Electrostatic Discharge (ESD)
Protection
[kV]
2
-
ELECTRICAL CHARACTERISTICS
Vcc = 1.5 V, Ta = 25°C, 10 - 22 µH: one white LED / 4.7 - 6.8 µH: two white LEDs in parallel, unless otherwise noted.
PR4401
PR4402
Parameter
Conditions
Units
Min
Typ
Max
Min
Typ
Max
Supply Voltage,
min. operating
min. startup
max. operating
L1 = 10...22 µH
Ta = 25°C
[V]
[V]
[V]
1.90
0.70
0.90
0.80
0.95
1.90
0.70
0.90
0.80
0.95
Supply Voltage,
min. operating
min. startup
max. operating
L1 = 10...22 µH
Ta = 0...60°C
[V]
[V]
[V]
1.90
0.80
1.00
0.90
1.05
1.90
0.80
1.00
0.90
1.05
LED Mean Current
measured with L1 type
LQH32C Murata
L1 = 47 µH
L1 = 32 µH
L1 = 26.7 µH
L1 = 22 µH
L1 = 14.7 µH
L1 = 10 µH
L1 = 6.8 µH
L1 = 4.7 µH
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
[mA]
6.5
8.3
10.8
12
15
23
--
--
--
--
--
12
15
23
32
40
Switching Current at Vout
Vout = 0.4 V
[mA]
200
250
Switching Frequency
[kHz]
500
500
Quiescent supply current
Vcc > 950 mV
Vcc = 600 mV
Vcc = 400 mV
[mA]
[µA]
[µA]
4
50
10
5
8
100
20
10
Efficiency
[%]
80
80
Vout
[V]
Vcc
15
15
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 2/12
Ref.
Vcc
Gnd
Vout
Comp.
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com