Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 1 Page - PREMA Semiconductor.

Part # PR4402
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4402 Datasheet(HTML) 1 Page - PREMA Semiconductor.

  PR4402 Datasheet HTML 1Page - PREMA Semiconductor. PR4402 Datasheet HTML 2Page - PREMA Semiconductor. PR4402 Datasheet HTML 3Page - PREMA Semiconductor. PR4402 Datasheet HTML 4Page - PREMA Semiconductor. PR4402 Datasheet HTML 5Page - PREMA Semiconductor. PR4402 Datasheet HTML 6Page - PREMA Semiconductor. PR4402 Datasheet HTML 7Page - PREMA Semiconductor. PR4402 Datasheet HTML 8Page - PREMA Semiconductor. PR4402 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LED Driver PR4401 / PR4402
0.9 V Boost Driver for White LEDs
Requires Only One External Component
The PR4401 and PR4402* are single cell step-up
converters for white LEDs operating from a
supply voltage of less than 0.9 V. Only one
external inductor is needed for operation of a
white LED. PR4401 is recommended for mean
LED currents of up to 20 mA, PR4402 for up to
40 mA. This makes PR4401 and PR4402 ideal for
use in low-cost or small-sized applications such
as LED flashlights or LCD backlighting for
portable devices.
FEATURES
• minimum startup voltage 0.9 V
• 200 / 250 mA peak output current
• only one external component required
• battery deep discharge protection
APPLICATIONS
• Small-sized LED torches
• LCD backlighting
• LED indicator lights
TYPICAL APPLICATION
For output currents higher than 20 mA an additional
blocking capacitor at Vcc is recommended.
PIN DESCRIPTION
Topside marking: "UI" (PR4401) or "UJ" (PR4402) with
a two-digit lot code Package SOT23-3 or COB on
request
The inductance L1 determines the LED current:
Inductance L1
Mean current For
47 µH
6.5 mA
PR4401
32 µH
8.3 mA
PR4401
26.7 µH
10.8 mA
PR4401
22 µH
11 mA
PR4401
14.7 µH
14 mA
PR4401
10 µH
22 mA
PR4401/4402
6.8 µH *
32 mA *
PR4402
4.7 µH *
40 mA *
PR4402
PIN Description:
PIN Name
PIN Function Description
Vcc
Supply voltage
Vout
Output voltage, LED connection
Gnd
Ground connection
* PR4402 only measured with inductor
Murata type LQH32C series
10 - 22 µH: one white LED
4.7 - 6.8 µH: two white LEDs in parallel
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 1/12
Vcc
Gnd
Vout
PR4401/02
Vbat =1.2 V or 1.5 V
L1
White
LED
Vcc
Vout
Gnd
top view


Similar Part No. - PR4402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR4402 ETC1-PR4402 Datasheet
298Kb / 12P
0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
More results

Similar Description - PR4402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
NCP5010 ONSEMI-NCP5010_06 Datasheet
173Kb / 18P
500 mW Boost Converter for White LEDs
August, 2006 ??Rev. 1
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
White LED Driver For Buck-Boost Application
logo
Texas Instruments
LM3509 TI1-LM3509 Datasheet
2Mb / 30P
High Efficiency Boost for White LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
White LEDs Driver
logo
List of Unclassifed Man...
PR4401 ETC1-PR4401 Datasheet
298Kb / 12P
0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
1.4A Boost for White LED Driver
MA2001A MPOWER-MA2001A Datasheet
234Kb / 7P
1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
1.4A Boost for White LED Driver
logo
PREMA Semiconductor.
PR4403 PREMA-PR4403 Datasheet
534Kb / 12P
0.9 V Boost Driver PR4403 for White LEDs in Solar Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com