Electronic Components Datasheet Search
  English  ▼

X  

PR4402 Datasheet(PDF) 12 Page - PREMA Semiconductor.

Part # PR4402
Description  0.9 V Boost Driver for White LEDs Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4402 Datasheet(HTML) 12 Page - PREMA Semiconductor.

Back Button PR4402 Datasheet HTML 4Page - PREMA Semiconductor. PR4402 Datasheet HTML 5Page - PREMA Semiconductor. PR4402 Datasheet HTML 6Page - PREMA Semiconductor. PR4402 Datasheet HTML 7Page - PREMA Semiconductor. PR4402 Datasheet HTML 8Page - PREMA Semiconductor. PR4402 Datasheet HTML 9Page - PREMA Semiconductor. PR4402 Datasheet HTML 10Page - PREMA Semiconductor. PR4402 Datasheet HTML 11Page - PREMA Semiconductor. PR4402 Datasheet HTML 12Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LED Driver PR4401 / PR4402
Disclaimer
Information provided by PREMA is believed to be accurate and correct. However, no responsibility is assumed by
PREMA for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
PREMA reserves the right at any time without notice to change circuitry and specifications.
Life Support Policy
PREMA Semiconductors products are not authorized for use as critical components in life support devices or
systems without the express written approval of PREMA Semiconductor. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for
use provided in the labeling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be
reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PREMA Semiconductor GmbH
Robert-Bosch-Str. 6
55129 Mainz Germany
Phone: +49-6131-5062-0
Fax: +49-6131-5062-220
Email: prema@prema.com Web site: www.prema.com
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com