Electronic Components Datasheet Search
  English  ▼

X  

UM2179 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 13Page - STMicroelectronics UM2179 Datasheet HTML 14Page - STMicroelectronics UM2179 Datasheet HTML 15Page - STMicroelectronics UM2179 Datasheet HTML 16Page - STMicroelectronics UM2179 Datasheet HTML 17Page - STMicroelectronics UM2179 Datasheet HTML 18Page - STMicroelectronics UM2179 Datasheet HTML 19Page - STMicroelectronics UM2179 Datasheet HTML 20Page - STMicroelectronics UM2179 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
UM2179 Rev 9
17/48
UM2179
Hardware layout and configuration
47
5.4.1
Drivers
Before connecting the Nucleo-144 board to a Windows® (XP, 7, 8 and 10) PC via USB,
install the driver for ST-LINK/V2-1 that can be downloaded from the www.st.com website.
If the STM32 Nucleo-144 board is connected to the PC before installing the driver, the PC
device manager may report some Nucleo interfaces as “Unknown”.
To recover from this situation, after installing the dedicated driver, the association of
“Unknown” USB devices found on the STM32 Nucleo-144 board to this dedicated driver,
must be updated in the device manager manually.
Note:
It is recommended to proceed by using USB Composite Device, as shown in Figure 8.
Figure 8. USB composite device
5.4.2
ST-LINK/V2-1 firmware upgrade
The ST-LINK/V2-1 embeds a firmware upgrade mechanism for in-situ upgrade through the
USB port. As the firmware may evolve during the lifetime of the ST-LINK/V2-1 product (for
example new functionalities, bug fixes, support for new microcontroller families), it is
recommended to keep the ST-LINK/V2-1 firmware up to date before starting to use the
STM32 Nucleo-144 board. The latest version of this firmware is available from the
www.st.com website.
5.4.3
Using the ST-LINK/V2-1 to program and debug the on-board STM32
To program the on-board STM32, place the two jumpers marked in red on the connector
CN4, as shown in Figure 9. The CN5 connector must not be used, since it could disturb the
communication with the STM32 microcontroller of the Nucleo-144 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com