Electronic Components Datasheet Search
  English  ▼

X  

UM2179 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 33Page - STMicroelectronics UM2179 Datasheet HTML 34Page - STMicroelectronics UM2179 Datasheet HTML 35Page - STMicroelectronics UM2179 Datasheet HTML 36Page - STMicroelectronics UM2179 Datasheet HTML 37Page - STMicroelectronics UM2179 Datasheet HTML 38Page - STMicroelectronics UM2179 Datasheet HTML 39Page - STMicroelectronics UM2179 Datasheet HTML 40Page - STMicroelectronics UM2179 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
UM2179 Rev 9
37/48
UM2179
Hardware layout and configuration
47
5.15
ST Zio connectors
The connectors CN7, CN8, CN9 and CN10 are female on top side and male on bottom side
of the STM32 Nucleo-144 board. They include support for ARDUINO® Uno V3. Most shields
designed for ARDUINO® Uno V3 can fit to the STM32 Nucleo-144 board.
Caution:
The I/Os of the STM32 microcontroller are 3.3 V compatible, while ARDUINO® Uno V3 is
5 V compatible.
Table 11 shows the STM32 pin assignments on the ST Zio connectors for the NUCLEO-
L496ZG, NUCLEO-L496ZG-P, NUCLEO-L4A6ZG, NUCLEO-L4P5ZG, NUCLEO-L4R5ZI
and NUCLEO-L4R5ZI-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com