Electronic Components Datasheet Search
  English  ▼

X  

UM2179 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 25Page - STMicroelectronics UM2179 Datasheet HTML 26Page - STMicroelectronics UM2179 Datasheet HTML 27Page - STMicroelectronics UM2179 Datasheet HTML 28Page - STMicroelectronics UM2179 Datasheet HTML 29Page - STMicroelectronics UM2179 Datasheet HTML 30Page - STMicroelectronics UM2179 Datasheet HTML 31Page - STMicroelectronics UM2179 Datasheet HTML 32Page - STMicroelectronics UM2179 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
UM2179 Rev 9
29/48
UM2179
Hardware layout and configuration
47
SB124, SB123
(LD1-LED)
ON, OFF Green user LED LD1 is connected to PC7.
OFF,ON
Green user LED LD1 is connected to D13 of ARDUINO® signal
(PA5).
OFF, OFF Green user LED LD1 is not connected.
ON,ON
Forbidden.
SB172 (Legacy)
SB173 (SMPS) (LD2-
LED)
ON
Blue user LED LD2 is connected to PB7.
OFF
Blue user LED LD2 is not connected.
SB132 (LD3-LED)
ON
Red user LED LD3 is connected to PB14.
OFF
Red user LED LD3 is not connected.
SB145,146
(X2 crystal)
OFF
PC14, PC15 are not connected to ST morpho connector CN11.
(X2 used to generate 32 kHz clock).
ON
PC14, PC15 are connected to ST morpho connector CN11.
(R39 and R40 must be removed).
SB147 (PH0), SB156
(PH1) (Main clock)
ON, ON
PH0 and PH1 are connected to ST morpho connector CN11.
(SB12, SB13 and SB148 must be removed).
OFF, ON
PH0 is not connected to ST morpho
PH1 is connected to ST morpho connector CN11 (MCO is used
as main clock for STM32 on PH0).
OFF, OFF
PH0, PH1 are not connected to ST morpho connector CN11
(X3, C37, C38, SB12 and SB13 provide a clock. In this case
SB148 must be removed).
SB109, SB148 (MCO)
OFF
MCO of ST-LINK (STM32F103CBT6) is not connected to PH0
of STM32.
ON
MCO of ST-LINK (STM32F103CBT6) is connected to PH0 of
STM32.
SB12, SB13 (external
8M crystal)
OFF
PH0 and PH1 are not connected to external 8 MHz crystal X3.
ON
PH0 and PH1 are connected to external 8 MHz crystal X3.
SB154 (VBAT)
ON
VBAT pin of STM32 is connected to VDD.
OFF
VBAT pin of STM32 is not connected to VDD.
SB197, SB178
(B1-USER)
ON, OFF B1 push-button is connected to PC13.
OFF, ON
B1 push-button is connected to PA0 (Set SB179 OFF if ST Zio
connector is used).
OFF,
OFF
B1 push-button is not connected.
SB179 (PA0)
ON
PA0 is connected to ST Zio connector (Pin 29 of CN10).
OFF
PA0 is not connected to ST Zio connector (Pin 29 of CN10).
SB151,SB153
OFF
Default setting.
ON
Forbidden.
Table 10. Configuration of the solder bridges and jumpers (continued)
Bridge/jumper
State(1)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com