Electronic Components Datasheet Search
  English  ▼

X  

UM2179 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 39Page - STMicroelectronics UM2179 Datasheet HTML 40Page - STMicroelectronics UM2179 Datasheet HTML 41Page - STMicroelectronics UM2179 Datasheet HTML 42Page - STMicroelectronics UM2179 Datasheet HTML 43Page - STMicroelectronics UM2179 Datasheet HTML 44Page - STMicroelectronics UM2179 Datasheet HTML 45Page - STMicroelectronics UM2179 Datasheet HTML 46Page - STMicroelectronics UM2179 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
UM2179 Rev 9
43/48
UM2179
Hardware layout and configuration
47
5.17.2
Bootloader identification
The bootloader version is identified by reading the bootloader ID at address 0x1FFF 6FFE:
•
the bootloader ID is 0x91 for bootloader version V9.1.
•
the bootloader ID is 0x92 for bootloader version V9.2.
5.17.3
Bootloader limitation
The limitation existing in bootloader V9.1 causes user Flash memory data to get randomly
corrupted when written via the bootloader SPI interface.
As a result, during bootloader SPI Write Flash operation, some random 64-bits (2 double-
words) may be left blank at 0xFF.
5.17.4
Affected parts
The STM32L496ZGT6, STM32L496ZGT6P, and STM32L4R5ZIT6 parts respectively
soldered on the NUCLEO-L496ZG, NUCLEO-L496ZG-P, and NUCLEO-L4R5ZI main
boards are marked with a date code corresponding to their manufacturing dates.
The STM32L496ZGT6, STM32L496ZGT6P, and STM32L4R5ZIT6 parts with a date code
prior or equal to week 37 of 2017 are fitted with bootloader V9.1. They are affected by the
limitation described in Section 5.17.3 and require one of the workarounds proposed in
Section 5.17.5.
The parts with a date code equal to week 38 of 2017 or later contain bootloader V9.2. They
are not affected by the limitation.
The STM32L4P5ZGT6 soldered on the NUCLEO-L4P5ZG main board is fitted with
bootloader V9.0.
To locate the visual date code information on the STM32L496ZGT6, STM32L496ZGT6P, or
STM32L4R5ZIT6 package, refer to the Package Information section in the data sheet
available at www.st.com. The date code related portion of the package marking is in the
Y WW format, where Y is the last digit of the year and WW is the week number. For
example, a part manufactured in week 38 of 2017 bears the 7 38 date code.
5.17.5
Workarounds
Three workarounds are proposed to overcome the limitation existing with bootloader V9.1.
Workaround 1
Add a delay between sending a Write command and its ACK request. The delay duration
must be the duration of the 256-byte Flash-write time.
Workaround 2
Read back after each write operation (256 bytes or end of user code flashing) and, in case
of error, perform the write operation again.
Workaround 3
Using the bootloader, load a patch code in RAM to write in Flash memory through the same
Write Memory write protocol as the bootloader This patch is provided by
STMicroelectronics. The patch code is available for download from the www.st.com website
with a readme.txt file containing the instructions of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com