Electronic Components Datasheet Search
  English  ▼

X  

UM2179 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 37Page - STMicroelectronics UM2179 Datasheet HTML 38Page - STMicroelectronics UM2179 Datasheet HTML 39Page - STMicroelectronics UM2179 Datasheet HTML 40Page - STMicroelectronics UM2179 Datasheet HTML 41Page - STMicroelectronics UM2179 Datasheet HTML 42Page - STMicroelectronics UM2179 Datasheet HTML 43Page - STMicroelectronics UM2179 Datasheet HTML 44Page - STMicroelectronics UM2179 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
UM2179 Rev 9
41/48
UM2179
Hardware layout and configuration
47
5.16
ST morpho connector
The ST morpho connector consists in male pin header footprints CN11 and CN12 (not
soldered by default). They can be used to connect the STM32 Nucleo-144 board to an
extension board or a prototype/wrapping board placed on top of the STM32 Nucleo-144
board. All signals and power pins of the STM32 are available on the ST morpho connector.
This connector can also be probed by an oscilloscope, logical analyzer or voltmeter.
Table 12 shows the pin assignments for the STM32 on the ST morpho connector.
CN10
28
D38
I/O
PE14(4)
I/O
-
30
D37
TIMER_A_BKIN1
PE15(4)
TIM1_BKIN1
32
D36
TIMER_C_PWM2
PB10(4)
TIM2_CH3
34
D35
TIMER_C_PWM3
PB11(5)
TIM2_CH4
1. To be compatible with the previous versions of the ARDUINO® Uno V3 board, A4/A5 do not support I2C.
2. I2S_B group has the same port as SAI_B group, but they have a different pin map.
3. VREF+ is not connected to CN7 by default.
4. QSPI signals (PA2, PB10, PE15, PB0, PE12 and PE14) are shared with timer signals on CN10.
5. PB11 is not available on ‘-P’ suffixed boards.
Table 11. ST Zio connectors pin assignments (continued)
Pin
Pin name
Signal name
STM32 pin
Function
Remark
Table 12. ST morpho connector pin assignments
CN11 odd pins
CN11 even pins
CN12 odd pins
CN12 even pins
Pin
Pin name
Pin
Pin name
Pin
Pin name
Pin
Pin name
1
PC10
2
PC11
1PC92PC8
3
PC12
4
PD2
3
PB8
4
PC6
5VDD
6
E5V
5
PB9
6
PC5
7
PH3-
BOOT0(1)
8GND
7
VREF+(2)
8
U5V(3)
9PF6
10
-
9
GND
10
PD8
11
PF7
12
IOREF
11
PA5
12
PA12
13
PA13(4)
14
RESET
13
PA6
14
PA11
15
PA14(4)
16
+3.3 V
15
PA7
16
PB12
17
PA15
18
+5 V
17
PB6
18
PB11
19
GND
20
GND
19
PC7
20
GND
21
PB7
22
GND
21
PA9
22
PB2
23
PC13
24
VIN
23
PA8
24
PB1
25
PC14
26
-
25
PB10
26
PB15
27
PC15
28
PA0
27
PB4
28
PB14
29
PH0
30
PA1
29
PB5
30
PB13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com