Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4120
Description  7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4120 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4120 Datasheet HTML 7Page - Analog Devices LTC4120 Datasheet HTML 8Page - Analog Devices LTC4120 Datasheet HTML 9Page - Analog Devices LTC4120 Datasheet HTML 10Page - Analog Devices LTC4120 Datasheet HTML 11Page - Analog Devices LTC4120 Datasheet HTML 12Page - Analog Devices LTC4120 Datasheet HTML 13Page - Analog Devices LTC4120 Datasheet HTML 14Page - Analog Devices LTC4120 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4126
11
Rev. A
For more information www.analog.com
OPERATION
the VCC-to-BAT differential voltage drops from approxi-
mately 154mV to 116mV. See the curve in the Typical
Performance Characteristics section. When the charge
current reaches approximately 3.1mA, the LED at the
CHRG pin blinks fast (typically 4.58Hz) to indicate the
DUVCL fault. In the reverse direction, when the charge cur-
rent reaches approximately 4.5mA, the LED at the CHRG
pin resumes slow blinking to indicate normal operation.
Due to the finite hysteresis of the DUVCL comparator, it
is possible under a very narrow region of coupling condi-
tions for the LTC4126 to alternate between slow blinking
and fast blinking. This behavior should be construed as
operation at near (but not 100%) full charge current.
The DUVCL feature is particularly useful in situations
where the wireless power available is limited. Without
DUVCL, if the magnetic coupling between the receive coil
and the transmit coil is low, DUVLO could be tripped if the
charger tried to provide the full charge current. DUVLO
forces the charge current to drop to zero instantly, allowing
the supply voltage to rise above the DUVLO threshold and
switch on the charger again. In the absence of DUVCL, this
oscillatory behavior would result in intermittent charging.
The DUVCL circuitry prevents this undesirable behavior by
gradually increasing or decreasing the charge current as
input power becomes more or less available.
Temperature Qualified Charging
The LTC4126 monitors the battery temperature during the
charging cycle by using a negative temperature coefficient
(NTC) thermistor, placed close and thermally coupled to
the battery pack. If the battery temperature moves out-
side a safe charging range, the IC suspends charging and
signals a fault condition via CHRG (blinks fast at 4.58Hz)
and the STAT pins until the temperature returns to the safe
charging range. The safe charging range is determined by
two comparators (Too Hot and Too Cold) that monitor the
voltage at the NTC pin as shown in the Block Diagram.
The rising threshold of the Too Cold comparator is set to
76.5% of VCC (VCOLD) and the falling threshold of the Too
Hot comparator is set to 34.9% of VCC (VHOT), each with a
hysteresis of 1.5% of VCC around the trip point to prevent
oscillation. If the battery charger pauses due to a tempera-
ture fault, the 6-hour termination timer also pauses until
the thermistor indicates a return to a safe temperature.
Grounding the NTC pin disables all NTC functionality.
Most Li-Ion battery manufacturers recommend a tem-
perature range of 0°C to 40°C as a safe charging range.
Charge Status Indication via CHRG, ACPR, and
STAT pins
The status of the battery charger is indicated via the open-
drain CHRG pin as well as by the logic pins STAT1, STAT2,
and ACPR according to Table 1. Indication by the logic
pins is available only when the DC/DC is enabled.
Table 1. Charger Status Indication
CHRG
ACPR STAT1 STAT2 STATUS
Hi-Impedance
0
X
X
Not Charging, No Power,
STAT pins indicate Battery
Level (see Table 2)
Pulled LOW
1
0
0
Done Charging
Blink Slow (1.14Hz)
1
0
1
Charging
Blink Fast (4.58Hz)
1
1
0
Temperature Fault/Bad
Battery
Blink Fast (4.58Hz)
1
1
1
Differential Undervoltage
Current Limit (DUVCL)
The open-drain CHRG pin has an internal 300µA (typical)
pull-down. An LED can be connected between this pin and
VCC to indicate the charging status and any fault condition
as indicated in the table above. The ACPR, STAT1, and
STAT2 pins are digital CMOS logic outputs that can be
interpreted by a microprocessor. The low level of these
three pins is referenced to GND and the high level is ref-
erenced to the OUT pin voltage (typically 1.2V). Hence
the status indication via these three pins is only available
if the DC/DC converter is turned on via the EN pin or the
push button. Status indication via the CHRG pin is always
available during charging.
DC/DC CONVERTER
To supply the system load from the battery to the OUT pin,
the LTC4126 contains a proprietary low-noise multi-mode
charge pump DC/DC converter which can be switched
on by applying a minimum voltage of 1.1V to the EN
pin or by pushing the pushbutton. The converter can be
active simultaneously with the charger. The switching fre-
quency of the charge pump is set to either 50kHz or 75kHz
depending on the mode of operation. This frequency is
chosen to keep any switching noise out of the audio band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com