Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4120
Description  7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4120 Datasheet(HTML) 3 Page - Analog Devices

  LTC4120 Datasheet HTML 1Page - Analog Devices LTC4120 Datasheet HTML 2Page - Analog Devices LTC4120 Datasheet HTML 3Page - Analog Devices LTC4120 Datasheet HTML 4Page - Analog Devices LTC4120 Datasheet HTML 5Page - Analog Devices LTC4120 Datasheet HTML 6Page - Analog Devices LTC4120 Datasheet HTML 7Page - Analog Devices LTC4120 Datasheet HTML 8Page - Analog Devices LTC4120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4126
3
Rev. A
For more information www.analog.com
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VACIN = VCC = 5V, VBAT = 3.8V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Rectification
VCC(HIGH)
VCC High Voltage Limit
VCC Rising
5.25
5.5
5.75
V
VCC(LOW)
VCC Low Voltage Limit
VCC Falling
4.75
5
5.25
V
ACIN to VCC Voltage Drop
7.5mA from ACIN to VCC
0.6
V
Battery Charger
VCHG
Battery Charge Voltage
VSEL = 0
VSEL = 1
l
l
4.158
4.306
4.200
4.350
4.242
4.394
V
V
ICHG
Battery Charge Current
l
7.0
6.5
7.5
7.5
8.0
8.5
mA
mA
ΔVUVLO
VCC-to-VBAT Differential Undervoltage Lockout
Threshold (Indicated at ACPR Pin)
VCC Falling
VCC Rising
9
55
27
80
45
105
mV
mV
ΔVUVCL
VCC-to-VBAT Differential Undervoltage Current
Limit Threshold Voltage
IBAT = 0.9 • ICHG
IBAT = 0.1 • ICHG
150
120
mV
mV
IDUVCL
Charge Current Threshold for DUVCL Fault
Indication
(VCC – VBAT) Falling
(VCC – VBAT) Rising
3.1
4.5
mA
mA
VRECHRG
Recharge Battery Threshold Voltage
As a Percentage of VCHG
96.5
97.5
98.5
%
tTERMINATE Safety Timer Termination Period
Timer Starts at the Beginning of the
Charge Cycle, VCC > (VBAT + 100mV)
5.1
6
6.9
hours
fSLOW
Slow Blink Frequency
1.14
Hz
fFAST
Fast Blink Frequency
4.58
Hz
VCOLD
Cold Temperature Fault Threshold Voltage
Rising Threshold Voltage
75.0
76.5
78
%VCC
Hysteresis
1.5
%VCC
VHOT
Hot Temperature Fault Threshold Voltage
Falling Threshold Voltage
33.4
34.9
36.4
%VCC
Hysteresis
1.5
%VCC
VDIS
NTC Disable Threshold Voltage
150
250
mV
INTC
NTC Leakage Current
VNTC = 2.5V
–100
100
nA
VNTC = 0V
–150
nA
Step-Down DC/DC Regulator
VOUT
DC/DC Regulator Output Voltage
VBAT > VLOBAT1 or VDISCONNECT < VBAT <
VLOBAT2, IOUT = 0
l
1.16
1.2
1.24
V
VLOBAT2 < VBAT < VLOBAT1, IOUT = 0
VBAT/3
V
VLOBAT1
Low Battery Alert 1 Threshold
VBAT Falling
l
3.52
3.6
3.68
V
Hysteresis
100
mV
VLOBAT2
Low Battery Alert 2 Threshold
VBAT Falling
l
3.22
3.3
3.38
V
Hysteresis
100
mV
VLOBAT3
Low Battery Alert 3 Threshold
VBAT Falling
l
3.12
3.2
3.28
V
Hysteresis
100
mV
VDISCONNECT Low Battery Disconnect Threshold Voltage
VBAT Falling
l
2.93
3.0
3.07
V
fSW
DC/DC Switching Frequency
3:1 Mode (VBAT > VLOBAT2)
2:1 Mode (VBAT < VLOBAT2)
l
l
40
60
50
75
60
90
kHz
kHz
ROL
Effective Open-Loop Output Resistance (Note 4) VBAT = 3.5V, IOUT = 3mA
4.6
6.5
Ω
ILIM
OUT Current Limit
VOUT = 0V
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com