Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4120
Description  7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4120 Datasheet(HTML) 2 Page - Analog Devices

  LTC4120 Datasheet HTML 1Page - Analog Devices LTC4120 Datasheet HTML 2Page - Analog Devices LTC4120 Datasheet HTML 3Page - Analog Devices LTC4120 Datasheet HTML 4Page - Analog Devices LTC4120 Datasheet HTML 5Page - Analog Devices LTC4120 Datasheet HTML 6Page - Analog Devices LTC4120 Datasheet HTML 7Page - Analog Devices LTC4120 Datasheet HTML 8Page - Analog Devices LTC4120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4126
2
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltages
VCC........................................................... –0.3V to 6V
ACIN ..........................................................–10V to 6V
ACIN – VCC Differential ...........................–16V to 0.3V
Input/Output Currents
IACIN................................................................ 200mA
IOUT................................................................. –60mA
BAT .............................................................. –0.3V to 6V
PBEN, NTC, EN,
VSEL ...........................–0.3V to [Max (VCC, BAT) + 0.3V]
CHRG........................................................... –0.3V to 6V
Operating Junction Temperature Range... –20°C to 85°C
Storage Temperature Range .................. –40°C to 125°C
Maximum Reflow (Package Body)
Temperature..........................................................260°C
(Notes 1, 2)
LQFN PACKAGE
12-LEAD (2mm × 2mm × 0.74mm)
TJMAX = 85°C, θJA = 92°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
12
11
5
6
STAT1
STAT2
BAT
ACIN
NTC
EN
PBEN
VSEL
10
9
8
7
1
2
3
4
13
GND
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Voltage Range
l
2.7
5.5
V
VBAT
Battery Voltage Range
Charging
2.7
4.4
V
Not Charging, DC/DC On
3.1
4.4
V
IVCC
VCC Quiescent Current
Charging Done, DC/DC Off, VNTC > VDIS
50
80
µA
Charging Done, DC/DC Off, VNTC < VDIS
42
70
µA
IBATQ
BAT Quiescent Current
Charging Done, DC/DC Off, VBAT = 4.4V
4
8
µA
VACIN = VCC = 0, DC/DC On, IOUT = 0
37
75
µA
VACIN = VCC = 0, DC/DC Off
5
10
µA
VACIN = VCC = 0, Battery Disconnected
(VBAT < VDISCONNECT)
0
0.1
µA
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VACIN = VCC = 5V, VBAT = 3.8V, unless otherwise noted.
TAPE AND REEL
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE**
TYPE
MSL
RATING
TEMPERATURE RANGE
LTC4126EV#TRPBF
LHCP
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–20°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges. *Device temperature grade is identified by a label on the shipping container.
Parts ending with PBF are RoHS and WEEE compliant. **The LTC4126 package dimension is 2mm × 2mm × 0.74mm compared to a standard QFN
package dimension of 2mm × 2mm × 0.75mm.
This product only available in tape and reel or in mini-reel.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com