Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4120
Description  7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4120 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4120 Datasheet HTML 9Page - Analog Devices LTC4120 Datasheet HTML 10Page - Analog Devices LTC4120 Datasheet HTML 11Page - Analog Devices LTC4120 Datasheet HTML 12Page - Analog Devices LTC4120 Datasheet HTML 13Page - Analog Devices LTC4120 Datasheet HTML 14Page - Analog Devices LTC4120 Datasheet HTML 15Page - Analog Devices LTC4120 Datasheet HTML 16Page - Analog Devices LTC4120 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4126
13
Rev. A
For more information www.analog.com
OPERATION
limit on the efficiency that the converter can achieve in this
mode is determined by switching losses, ohmic losses,
and quiescent current loss.
When the battery voltage falls to 3.3V, the converter
enters Mode 3 where the theoretical maximum efficiency
can be expressed as follows:
Efficiency, ηMode3 =
VOUT
VBAT
2
⎛
⎝
⎜
⎞
⎠
⎟
In Mode 3, the theoretical maximum efficiency is 72.7%
when VBAT = 3.3V and 80% when VBAT = 3.0V as calcu-
lated from the above equation.
Figure 4 shows graphically the variation of the theoretical
maximum efficiency of the converter over the range of
battery voltages in the three different modes of operation.
Battery Disconnect/Ship Mode
When no input power is available and the battery voltage
falls to 3.0V (typical), the LTC4126 shuts down most of its
functions to prevent the battery from discharging too deeply,
consuming less than 100nA from the battery. Once in battery
disconnect mode, normal functioning can only resume when
power is applied to the ACIN or VCC pin and the VCC pin volt-
age rises 80mV (typical) above the BAT pin voltage.
The LTC4126 is also in battery disconnect mode after
initial installation of the battery regardless of its voltage
level. This implements the ship mode functionality.
Pushbutton Control
The LTC4126 is equipped with a pushbutton controller
to turn the DC/DC converter on and off if the EN pin is
not used (held low). A logic high on the EN pin overrides
the pushbutton function and keeps the regulator on. On
the falling edge of the EN signal, the DC/DC shuts off and
1µs later, the pushbutton can control the output as long
as EN remains low. A push on the pushbutton is consid-
ered valid if the PBEN pin is held low for at least 425ms
(typical). Additionally, the PBEN pin needs to return to the
high state for at least 43ms (typical) in between succes-
sive pushes for a push to be considered valid. An invalid
push will not change the state of the converter. A 4MΩ
internal resistor pulls up the PBEN pin to the BAT voltage.
A few different scenarios of valid and invalid pushes are
illustrated in Figure 5.
Figure 5. Various Pushbutton Scenarios
VOUT
TOO SHORT
LONG ENOUGH
425ms
43ms
LONG ENOUGH
(c) 1ST PUSH TOO SHORT, DC/DC STAYS OFF, 2ND PUSH VALID, DC/DC TURNS ON
PBEN
4126 F05
VOUT
LONG ENOUGH
LONG ENOUGH
425ms
43ms
TOO SHORT
(b) HIGH PULSE TOO SHORT, 2ND PUSH IGNORED, DC/DC STAYS ON
PBEN
VOUT
LONG ENOUGH
LONG ENOUGH
425ms
43ms
LONG ENOUGH
(a) VALID SUCCESSIVE PUSH, DC/DC TURNS ON AND OFF
PBEN
425ms
Figure 4. Theoretical Maximum Converter
Efficiency vs Battery Voltage
BATTERY VOLTAGE (V)
100
90
70
50
40
30
20
80
60
10
0
4.2 4.35
3.0
3.9
4126 F04
3.3
3.6
MODE 3
MODE 2
MODE 1
Battery Level Indicator
The LTC4126 is equipped with a battery voltage monitor
which reports various battery voltage levels via the STAT
pins when not charging and the converter is enabled. See
Table 2. Since the STAT pins indicate either the charger
status or the battery levels based on the state of ACPR,
there may be a delay of up to 1µs before the STAT pins
are valid whenever ACPR changes state.
Table 2. Battery Level Indication
ACPR STAT1 STAT2 STATUS
0
0
0
VBAT < 3.2V, Low Battery Alert 3
0
0
1
3.2V < VBAT < 3.3V
0
1
0
3.3V < VBAT < 3.6V
0
1
1
VBAT > 3.6V
1
X
X
Power Available, STAT Pins Indicate Charger Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com