Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4120
Description  7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4120 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4120 Datasheet HTML 16Page - Analog Devices LTC4120 Datasheet HTML 17Page - Analog Devices LTC4120 Datasheet HTML 18Page - Analog Devices LTC4120 Datasheet HTML 19Page - Analog Devices LTC4120 Datasheet HTML 20Page - Analog Devices LTC4120 Datasheet HTML 21Page - Analog Devices LTC4120 Datasheet HTML 22Page - Analog Devices LTC4120 Datasheet HTML 23Page - Analog Devices LTC4120 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC4126
24
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2018-2020
02/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
CRX
68nF
2.2µF
1.2V
ACIN
OUT
GND
Li-Ion
4.35V
LTC4126
BAT
EN
CHRG
VCC
+
ACPR
STAT2
DIGITAL I/O
STAT1
NTC
VSEL
PUSHBUTTON
PBEN
4126 TA03
RBIAS
100k
D1
LRX
8µH
RNTC
NTC RESISTOR
THERMALLY
COUPLED
WITH BATTERY
R1
232k
C1
4.7µF
VIN
5V
C2
100µF
LTX
2.7µH
GND
V+
OUT
fDRIVE = 216kHz
fLC_TANK = 266kHz
CTX1
33nF
CTX2
100nF
M1
Si2312CDS
SET
MOD
DIV
LTC6992
AIR GAP
(2mm TO 4mm)
R2
732k
R3
66.5k
CTX1: TDK C2012COG1H333J125AA
CTX2: TDK C3216COG1H104J160AA
LTX: SUNLORD MQQTC202030S2R7
CRX: AVX0603YC683JAT2A
LRX: SUNLORD MQQRC060630S8R0
RNTC: VISHAY NTCS0402E3104*HT
M1: VISHAY Si2312CDS-T1-GE3
D1: ROHM SEMICONDUCTOR STL-311UTT86
Wireless 7.5mA Li-Ion Battery Charger (4.35V) Tuned at 266kHz with Pushbutton Enabling
PART NUMBER DESCRIPTION
COMMENTS
LTC4120
400mA Wireless Power Receiver Buck Battery
Charger
Wireless 1 to 2 Cell Li-Ion Charger, 400mA Charge Current, Dynamic Harmonization
Control, Wide Input Range: 12.5V to 40V, 16-Lead 3mm × 3mm QFN Package
LTC4123
Low Power Wireless Charger for Hearing Aids
Wireless Single NiMH Charger, Integrated Rectifier with Overvoltage Limit, 25mA Charge
Current, Zn-Air Detect, Temperature Compensated Charge Voltage, 6-Lead 2mm × 2mm
DFN Package
LTC4125
5W Auto Resonant Wireless Power Transmitter Monolithic Auto Resonant Full Bridge Driver. Transmit Power Automatically Adjusts to
Receiver Load, Foreign Object Detection, Wide Operating Switching Frequency Range:
50kHz to 250kHz, Input Voltage Range 3V to 5.5V, 20-Lead 4mm × 5mm QFN Package
LTC4070
Li-Ion/Polymer Shunt Battery Charger System
Li-Ion/Polymer Shunt Battery Charger, Low Operating Current (450nA), 50mA Internal
Shunt Current, Pin Selectable Float Voltages (4.0V, 4.1V, 4.2V), 8-Lead 2mm × 3mm
DFN and MSOP Packages
LTC4071
Li-Ion/Polymer Shunt Battery Charger System
with Low Battery Disconnect
Charger Plus Pack Protection in One IC, Low Operating Current (550nA), 50mA Internal
Shunt Current, Pin Selectable Float Voltages (4.0V, 4.1V, 4.2V), 8-Lead 2mm × 3mm
DFN and MSOP Packages
LTC6990
TimerBlox: Voltage Controlled Silicon Oscillator Fixed-Frequency or Voltage-Controlled Operation, Frequency Range of 488Hz to 2MHz,
Low-Profile SOT-23 and 2mm × 3mm DFN Packages
LTC6992
TimerBlox: Voltage Controlled Pulse-Width
Modulator (PWM)
Pulse Width Modulation by 0V to 1V Analog Input, Frequency Range of 3.81Hz to 1MHz,
Low-Profile SOT-23 and 2mm × 3mm DFN Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com