Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4359
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 4 Page - Analog Devices

  LTC4359 Datasheet HTML 1Page - Analog Devices LTC4359 Datasheet HTML 2Page - Analog Devices LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC4231
4
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
UVL, UVH, OV, GNDSW, STATUS and SHDN
VUV
UVL, UVH Threshold
l
0.776 0.795 0.814
V
VOV
OV Threshold
OV Rising
l
0.776 0.795 0.814
V
VOV(HYST)
OV Hysteresis
l
3
15
30
mV
ILEAK(0.9V)
UVL, UVH and OV Leakage Current
V = 0.9V (C-Grade, I-Grade)
(H-Grade)
l
l
0
0
±10
±100
nA
nA
ILEAK(12V)
UVL, UVH, OV, GNDSW, STATUS and
SHDN Leakage Current
V = 12V (C-Grade, I-Grade)
(H-Grade)
l
l
0
0
±100
±500
nA
nA
RON(GNDSW)
Switch Resistance
l
80
200
Ω
VOL
STATUS Output Low Voltage
I = 2mA
l
0.2
0.4
V
VSHDN
SHDN Input Threshold
l
0.4
0.8
1.5
V
tPERIOD
Sampling Period
l
5
10
15
ms
tSAMPLE
Sampling Width
l
100
200
300
µs
TIMER
tCB
Circuit Breaker Delay
CT = 100nF
l
1.7
2.4
3.5
ms
VTIMER(H)
TIMER High Threshold
TIMER Rising
l
1.170 1.193 1.216
V
VTIMER(L)
TIMER Low Threshold
TIMER Falling
l
0.07
0.1
0.13
V
ITIMER(UP)
TIMER Pull-Up Current
TIMER = 0.5V, Circuit Breaker Tripped
l
–35
–50
–65
µA
ITIMER(DN)
TIMER Pull-Down Current
TIMER = 0.5V, Circuit Breaker Recovery
l
3
5
7
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 3: These pins can be tied to voltages below –0.3V through a
resistance that limits the current below 1mA.
Note 4: An internal clamp limits GATE to a minimum of 13V above
SOURCE. Driving this pin to voltages beyond this clamp may damage the
device.
Note 5: For modes where GATE is pulled to GND, ICC = IIN + ISENSE.
Else ICC = IIN + ISENSE + ISOURCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com