Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4359
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices LTC4359 Datasheet HTML 13Page - Analog Devices LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC4231
11
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
In most applications, keeping the inrush current at ana-
log current limit is an acceptable start-up method if the
TIMER delay is long enough to avoid setting the current
fault latch and the MOSFET has adequate safe operating
margin. However, for more flexibility in design (See the
Design Example section), a capacitor from GATE to GND
(Figure 1) can be used to limit the VGATE slew rate for inrush
current control. VGATE rises with a slope equal to 10μA/CG
(Figure 3). The supply inrush current is then limited to:
IINRUSH =
CL
CG
• 10µA
Once ∆VGATE exceeds ∆VGATE(H), STATUS goes high
impedance. ICC drops from 300µA to 4µA (average) dur-
ing this normal on mode as some circuit blocks are shut
down and the internal charge pump periodically turns on
when ∆VGATE droops by 0.7V or every 15ms, whichever
comes first (Figure 7).
In the back-to-back MOSFET configuration as shown in
Figure 5, SOURCE will also be pulled to GND via the para-
sitic body diode between GATE and SOURCE, cutting off
the load from IN. This configuration is suitable in power
path control and reverse battery protection applications
where IN is likely to go below GND.
In the single MOSFET configuration (Figure 1), the 1mA
pull-down from GATE to GND also discharges the load
capacitor CL to GND once GATE goes below SOURCE.
Overcurrent Fault
The 50mV circuit breaker threshold sets the maximum
load current allowed under steady state conditions.
However, the LTC4231 allows mild overcurrents during
supply or load transients when ∆VSENSE momentarily
exceeds 50mV but stays below the 80mV analog current
limit threshold. For severe overcurrents when ∆VSENSE
exceeds 80mV, the analog current limit amplifier controls
∆VGATE to regulate ∆VSENSE to 80mV. The durations of
these transient overcurrents must be less than the cir-
cuit breaker delay (tCB) which can be adjusted using the
capacitor CT at the TIMER pin.
When ∆VSENSE exceeds 50mV, the LTC4231 goes into
overcurrent mode. CT is charged with a 50μA pull-up.
If the overcurrent is transient and ∆VSENSE goes below
50mV before TIMER reaches 1.193V, the 50μA pull-up
on TIMER switches to a 5μA pull-down. Multiple overcur-
rents with a duty cycle > 10% can thus eventually inte-
grate TIMER to 1.193V. When TIMER reaches 1.193V, the
LTC4231 goes into current fault mode and sets an internal
current fault latch. The external MOSFET will be cut off
by a 1mA pull-down from GATE to GND while STATUS
pull-down is asserted.
The time in which LTC4231 stays in overcurrent mode
before going into current fault mode is called the circuit
breaker delay and is given by:
tCB = CT • 24 [ms/µF]
Figure 3. Inrush Control by Limiting VGATE Slew
GATE
20V/DIV
OUT
20V/DIV
ILOAD
0.5A/DIV
20ms/DIV
4231 F03
START-UP
NORMAL ON
DEBOUNCE
Turn-Off Sequence
The MOSFET switch can be turned off by SHDN going low,
an OV/UV event, an overcurrent setting the current fault
latch or IN dropping below its UVLO voltage. Under any
of these conditions, STATUS pulls low and the MOSFET
is turned off with a 1mA current pulling down from GATE
to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com