Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4359
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 14Page - Analog Devices LTC4359 Datasheet HTML 15Page - Analog Devices LTC4359 Datasheet HTML 16Page - Analog Devices LTC4359 Datasheet HTML 17Page - Analog Devices LTC4359 Datasheet HTML 18Page - Analog Devices LTC4359 Datasheet HTML 19Page - Analog Devices LTC4359 Datasheet HTML 20Page - Analog Devices LTC4359 Datasheet HTML 21Page - Analog Devices LTC4359 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC4231
22
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2014-2019
08/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4361
Overvoltage/Overcurrent Protection Controller
220µA IQ, 2.5V to 5.5V Operation, 80V Protection
LTC4365
OV, UV and Reverse Supply Protection Controller
25µA IQ, 2.5V to 34V Operation, –40V Reverse Input
LTC4359
Ideal Diode Controller with Reverse Input Protection 150µA IQ, 9µA in Shutdown, 4V to 80V Operation
LTC4364
Surge Stopper/Hot Swap with Ideal Diode
370µA ICC, 4V to 80V Operation, –40V Reverse Input, –20V Reverse Output
LTC2960
Nano-Current Dual Voltage Monitor
850nA IQ, 2.5V to 36V Operation, 1.5% Accuracy
LTC4229
Ideal Diode and Hot Swap Controller
2.9V to 18V Operation, 2mA IIN, 0.5µs Ideal Diode Turn-On/Off
LTC4232
5A Integrated Hot Swap Controller
Integrated 33mΩ MOSFET with Sense Resistor, 2.9V to 15V Operation
LTC2955
Pushbutton On/Off Controller
Automatic Turn-On, 1.2µA IQ, 1.5V to 36V Operation
LTC4417
Prioritized PowerPath™ Controller
28µA IQ, 2.5V to 36V Operation, –42V Reverse Input
Figure 11. 36V Hot Swap Application with Reverse Protection
SENSE
GATE
IN
UVL
UVH
OV
GNDSW
SHDN
SOURCE
STATUS
TIMER
LTC4231
M1
Si7164DP
RSENSE
45m
GND
M2
Si7120ADN
OUT
RSTAT
1M
VOUT
36V
1A
R1
787k
R6
1M
RX
10
Z2
BZX84C39
Z3
BZX84C39
CX
0.1µF
R2
1.1k
UV RISING = 35V
UV FALLING = 33V
OV RISING = 38V
R3
1.43k
R4
16.9k
CT
270nF
10nF
4231 F11
Z1
SMBJ36CA
36V
+
CL
100µF
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com