Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4359
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices LTC4359 Datasheet HTML 10Page - Analog Devices LTC4359 Datasheet HTML 11Page - Analog Devices LTC4359 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC4231
8
Rev. B
For more information www.analog.com
FUNCTIONAL DIAGRAM
4231 FD
IN
SENSE
VOLTAGE
REGULATOR
+
–
+
–
+
–
–
+
REVERSE
VOLTAGE
COMPARATOR
–
+
REVERSE
VOLTAGE
COMPARATOR
∆VGATE LOW
COMPARATOR
∆VGATE(H)
ANALOG CURRENT
LIMIT AMPLIFIER
+
–
+
–
CHARGE PUMP
REFRESH
TIMER
80mV
+
–
CIRCUIT BREAKER
COMPARATOR
TIMER HIGH COMPARATOR
TIMER LOW COMPARATOR
+
–
50mV
+
–
+
–
1.2V
15V
0.795V
1mA
CHARGE
PUMP
f = 2MHz
GATE LOW
COMPARATOR
+
–
0.795V
+
–
UV COMPARATOR
OV/UV BLOCK
OV COMPARATOR
10µA
LOGIC
INTERNAL VCC
INTERNAL VCC
1.193V
0.1V
UVL
SOURCE
GATE
UVH
OV
GNDSW
STATUS
OV/UV
STROBE
TIMER
SHDN
GND
5µA
50µA
TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com