Electronic Components Datasheet Search
  English  ▼

X  

LTC4359 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC4359
Description  Micropower Hot Swap Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4359 Datasheet(HTML) 2 Page - Analog Devices

  LTC4359 Datasheet HTML 1Page - Analog Devices LTC4359 Datasheet HTML 2Page - Analog Devices LTC4359 Datasheet HTML 3Page - Analog Devices LTC4359 Datasheet HTML 4Page - Analog Devices LTC4359 Datasheet HTML 5Page - Analog Devices LTC4359 Datasheet HTML 6Page - Analog Devices LTC4359 Datasheet HTML 7Page - Analog Devices LTC4359 Datasheet HTML 8Page - Analog Devices LTC4359 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC4231
2
Rev. B
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
IN............................................................ –40V to 40V
Input Voltages
SENSE, SOURCE..................................... –40V to 40V
IN–SENSE............................................... –40V to 40V
SHDN, UVL, UVH, OV, GNDSW.............. –0.3V to 40V
Input Currents
SHDN, UVL, UVH, OV, GNDSW (Note 3)............–1mA
Output Voltages
GATE–SOURCE (Note 4).........................–0.3V to 13V
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4231CUD-1#PBF
LTC4231CUD-1#TRPBF
LGMX
12-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC4231CUD-2#PBF
LTC4231CUD-2#TRPBF
LGSP
12-Lead (3mm × 3mm) Plastic QFN
0°C to 70°C
LTC4231IUD-1#PBF
LTC4231IUD-1#TRPBF
LGMX
12-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC4231IUD-2#PBF
LTC4231IUD-2#TRPBF
LGSP
12-Lead (3mm × 3mm) Plastic QFN
–40°C to 85°C
LTC4231HUD-1#PBF
LTC4231HUD-1#TRPBF
LGMX
12-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC4231HUD-2#PBF
LTC4231HUD-2#TRPBF
LGSP
12-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LTC4231CMS-1#PBF
LTC4231CMS-1#TRPBF
42311
12-Lead Plastic MSOP
0°C to 70°C
LTC4231CMS-2#PBF
LTC4231CMS-2#TRPBF
42312
12-Lead Plastic MSOP
0°C to 70°C
LTC4231IMS-1#PBF
LTC4231IMS-1#TRPBF
42311
12-Lead Plastic MSOP
–40°C to 85°C
LTC4231IMS-2#PBF
LTC4231IMS-2#TRPBF
42312
12-Lead Plastic MSOP
–40°C to 85°C
LTC4231HMS-1#PBF
LTC4231HMS-1#TRPBF
42311
12-Lead Plastic MSOP
–40°C to 125°C
LTC4231HMS-2#PBF
LTC4231HMS-2#TRPBF
42312
12-Lead Plastic MSOP
–40°C to 125°C
12 11 10
4
5
6
TOP VIEW
13
UD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC QFN
7
8
9
3
2
1
SHDN
UVL
UVH
SOURCE
TIMER
STATUS
TJMAX = 150°C, θJA = 68°C/W
EXPOSED PAD (PIN 13) PCB CONNECTION TO GND IS OPTIONAL
1
2
3
4
5
6
SENSE
IN
SHDN
UVL
UVH
OV
12
11
10
9
8
7
GATE
SOURCE
TIMER
STATUS
GND
GNDSW
TOP VIEW
MS PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 135°C/W
PIN CONFIGURATION
GATE–SENSE.......................................... –40V to 20V
STATUS ................................................. –0.3V to 40V
TIMER...................................................... –0.3V to 4V
Operating Ambient Temperature Range
LTC4231C ................................................ 0°C to 70°C
LTC4231I..............................................–40°C to 85°C
LTC4231H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com