Electronic Components Datasheet Search
  English  ▼

X  

PR5040 Datasheet(PDF) 6 Page - PREMA Semiconductor.

Part # PR5040
Description  Single Photodiode with identical Outer Dimensions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5040 Datasheet(HTML) 6 Page - PREMA Semiconductor.

  PR5040 Datasheet HTML 1Page - PREMA Semiconductor. PR5040 Datasheet HTML 2Page - PREMA Semiconductor. PR5040 Datasheet HTML 3Page - PREMA Semiconductor. PR5040 Datasheet HTML 4Page - PREMA Semiconductor. PR5040 Datasheet HTML 5Page - PREMA Semiconductor. PR5040 Datasheet HTML 6Page - PREMA Semiconductor. PR5040 Datasheet HTML 7Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Photodiode PR5040
Package Information
SOLDERING INFORMATION
A lead-free solder profile with a peak temper-
ature of 260°C or less, according to J-STD-020
should be followed.
Parts should be handled in accordance with the
moisture sensitivity level as indicated on the
moisture barrier bag, but at least to MSL 3.
Any parts without or with unsealed moisture
barrier bag must be dry-baked according to
JEDEC guidelines before soldering. Manual
soldering must be done with utmost care.
Direct infrared heating should be avoided; pure
convection heating is recommended.
TAPE & REEL
Reel diameter: 7“ (178 mm)
Tape width: 8 mm
Quantity per reel: 3,000
Packaging: moisture barrier bag
Orientation of ICs in tape: Pins 3 and 4 towards
sprocket holes
BARE DIES
PR5040 is available as bare dies on request on
tested and sawn wafers or in wafflepack.
Please contact us for minimum order quantities
and delivery times.
© PREMA Semiconductor GmbH 2020 I rev. 2120
Page 6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com