Electronic Components Datasheet Search
  English  ▼

X  

PR5040 Datasheet(PDF) 1 Page - PREMA Semiconductor.

Part # PR5040
Description  Single Photodiode with identical Outer Dimensions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5040 Datasheet(HTML) 1 Page - PREMA Semiconductor.

  PR5040 Datasheet HTML 1Page - PREMA Semiconductor. PR5040 Datasheet HTML 2Page - PREMA Semiconductor. PR5040 Datasheet HTML 3Page - PREMA Semiconductor. PR5040 Datasheet HTML 4Page - PREMA Semiconductor. PR5040 Datasheet HTML 5Page - PREMA Semiconductor. PR5040 Datasheet HTML 6Page - PREMA Semiconductor. PR5040 Datasheet HTML 7Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Photodiode PR5040
Single Photodiode with identical Outer Dimensions
PR5040 is a single silicon photodiode with
rectangular shape having the similar outer
dimensions as the seqmented types PR5001 to
PR5030. The photodiode has a low dark current
combined with a high sensitivity. The dies are
moulded into a small plastic leadless optical DFN
package.
FEATURES
•
single photodiode
•
low dark current
•
anti-reflective coating (ARC)
TYPICAL APPLICATIONS
•
ambient light detection
•
measuring infra-red light
PR5040
KEY CHARACTERISTICS
Parameter
Typ
Unit
Package size
2.9 x 1.8 x 0.9
mm
photodiode size
1760 x 608
mm
peak wavelength
830
nm
dark current @ 40°C / Vr = 1 V
13
pA
Capacitance @ Vr = 2 V
96
pF
CIRCUIT
SPECTRAL SENSITIVITY
© PREMA Semiconductor GmbH 2020 I rev. 2120
Page 1/7


Similar Part No. - PR5040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR50 ETC2-PR50 Datasheet
480Kb / 3P
50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
DENSEI-LAMBDA
PR500 LAMBDA-PR500 Datasheet
83Kb / 1P
Rectifier module 500W
PR500-280 LAMBDA-PR500-280 Datasheet
83Kb / 1P
Rectifier module 500W
logo
Zibo Seno Electronic En...
PR5001 ZSELEC-PR5001 Datasheet
136Kb / 2P
5.0A FAST RECOVERY DIODE
logo
PREMA Semiconductor.
PR5001 PREMA-PR5001 Datasheet
1Mb / 6P
2 Photodiodes in One Chip for Spatially Resolved Light Detection
More results

Similar Description - PR5040

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
APD-1310 OPTOWAY-APD-1310 Datasheet
82Kb / 2P
InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
APD-1350 OPTOWAY-APD-1350 Datasheet
74Kb / 2P
Mini-Size InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
logo
Advanced Power Technolo...
APT10040LVRG ADPOW-APT10040LVRG Datasheet
79Kb / 4P
Identical Specifications: T-MAX or TO-264 Package
logo
ATMEL Corporation
AT7911E ATMEL-AT7911E_14 Datasheet
312Kb / 22P
3 identical bidirectional SpaceWire links allowing
logo
P-tec Corporation
PL321-1G13B12BSH12 P-TEC-PL321-1G13B12BSH12 Datasheet
31Kb / 1P
Panel Mount Indicator with Outer Reflector
PL321-1G13B12BSH12 P-TEC-PL321-1G13B12BSH12_14 Datasheet
31Kb / 1P
Panel Mount Indicator with Outer Reflector
PL321-1R12-2 P-TEC-PL321-1R12-2_14 Datasheet
30Kb / 1P
Panel Mount Indicator with Outer Reflector
PL321-1R24-2 P-TEC-PL321-1R24-2_14 Datasheet
77Kb / 1P
Panel Mount Indicator with Outer Reflector
PL321-1Y01 P-TEC-PL321-1Y01_14 Datasheet
77Kb / 1P
Panel Mount Indicator with Outer Reflector
PL321-1Y01-2 P-TEC-PL321-1Y01-2_14 Datasheet
77Kb / 1P
Panel Mount Indicator with Outer Reflector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com