Electronic Components Datasheet Search
  English  ▼

X  

PR5040 Datasheet(PDF) 3 Page - PREMA Semiconductor.

Part # PR5040
Description  Single Photodiode with identical Outer Dimensions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5040 Datasheet(HTML) 3 Page - PREMA Semiconductor.

  PR5040 Datasheet HTML 1Page - PREMA Semiconductor. PR5040 Datasheet HTML 2Page - PREMA Semiconductor. PR5040 Datasheet HTML 3Page - PREMA Semiconductor. PR5040 Datasheet HTML 4Page - PREMA Semiconductor. PR5040 Datasheet HTML 5Page - PREMA Semiconductor. PR5040 Datasheet HTML 6Page - PREMA Semiconductor. PR5040 Datasheet HTML 7Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photodiode PR5040
Dark Current
MEASUREMENT SETUP
Dark currents of the C1 photodiode are meas-
ured as a function of reverse voltage and tem-
perature. The substrate (A) is connected to
ground, while a positive voltage is applied to C1.
OVER TEMPERATURE
Dark currents are shown at reverse voltages of
1 V (blue) and 30 V (orange). In general, dark
currents rise by approximately a factor 10 every
20 °C.
AS A FUNCTION OF REVERSE VOLTAGE
The diagram shows the dependency of dark
currents on reverse voltage at different temper-
atures.
© PREMA Semiconductor GmbH 2020 I rev. 2120
Page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com