Electronic Components Datasheet Search
  English  ▼

X  

PR5040 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR5040
Description  Single Photodiode with identical Outer Dimensions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5040 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR5040 Datasheet HTML 1Page - PREMA Semiconductor. PR5040 Datasheet HTML 2Page - PREMA Semiconductor. PR5040 Datasheet HTML 3Page - PREMA Semiconductor. PR5040 Datasheet HTML 4Page - PREMA Semiconductor. PR5040 Datasheet HTML 5Page - PREMA Semiconductor. PR5040 Datasheet HTML 6Page - PREMA Semiconductor. PR5040 Datasheet HTML 7Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photodiode PR5040
Electrical and optical Characteristics
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VC-A
V(C) — V(A)
-0.3
35
V
TA
operating ambient temperature
-40
85
°C
TS
storage temperature
-40
85
°C
Tpeak
soldering peak temperature
260
°C
Ptot
total power dissipation
100
mW
ELECTRICAL CHARACTERISTICS
Ta = 27°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tamb
operating temperature range
-40
85
°C
Vr (C-A)
reverse voltage V(C) - V(A)
30
V
APD
active area (geometrical)
1.088
mm²
Id/A
dark current @ Vr = 1 V
Tamb = 40°C
Tamb = 80°C
13
0,8
pA
nA
∆Id/∆T temperature coefficient of Id
@ Tamb > 40°C
Vr (C-A) = 1 V
Vr (C-A) = 30 V
12.5
11.0
%/K
%/K
λpeak
peak sensitivity wavelength
800
nm
Speak
peak sensitivity
0.48
A/W
Cj
junction capacitance @ F = 1 MHz
Vr = 0 V
Vr = 10 V
172
54
pF
pF
© PREMA Semiconductor GmbH 2020 I rev. 2120
Page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com