Electronic Components Datasheet Search
  English  ▼

X  

PR5040 Datasheet(PDF) 5 Page - PREMA Semiconductor.

Part # PR5040
Description  Single Photodiode with identical Outer Dimensions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR5040 Datasheet(HTML) 5 Page - PREMA Semiconductor.

  PR5040 Datasheet HTML 1Page - PREMA Semiconductor. PR5040 Datasheet HTML 2Page - PREMA Semiconductor. PR5040 Datasheet HTML 3Page - PREMA Semiconductor. PR5040 Datasheet HTML 4Page - PREMA Semiconductor. PR5040 Datasheet HTML 5Page - PREMA Semiconductor. PR5040 Datasheet HTML 6Page - PREMA Semiconductor. PR5040 Datasheet HTML 7Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Photodiode PR5040
Dimensions
PR5020
PIN CONFIGURATION
Pin No.
Pin Name
PIN Function Description
1
A
Common Anode
2
Not connected
3
C
Cathode photodiode
4
Not connected
ODFN-4L – PACKAGE
MIN
TYP
MAX
Unit
A
0,85
0,9
0,95
mm
A3
0,20 REF.
mm
b
0,35
0,4
0,45
mm
D
2,8
2,9
3
mm
E
1,7
1,8
1,9
mm
e
1,4 BSC*
mm
L
0,6
0,7
0,8
mm
* Basic Spacing Between Centers
© PREMA Semiconductor GmbH 2020 I rev. 2120
Page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com