Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16240 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT16240 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
4 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
2Y3
12
data output
3Y0
13
data output
3Y1
14
data output
GND
15
ground (0 V)
3Y2
16
data output
3Y4
17
data output
VCC
18
supply voltage
4Y0
19
data output
4Y1
20
data output
GND
21
ground (0 V)
4Y2
22
data output
4Y3
23
data output
4OE
24
output enable input (active LOW)
3OE
25
output enable input (active LOW)
4A3
26
data input
4A2
27
data input
GND
28
ground (0 V)
4A1
29
data input
4A0
30
data input
VCC
31
supply voltage
3A3
32
data input
3A2
33
data input
GND
34
ground (0 V)
3A1
35
data input
3A0
36
data input
2A3
37
data input
2A2
38
data input
GND
39
ground (0 V)
2A1
40
data input
2A0
41
data input
VCC
42
supply voltage
1A3
43
data input
1A2
44
data input
GND
45
ground (0 V)
1A1
46
data input
1A0
47
data input
2OE
48
output enable input (active LOW)
Table 3:
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com