Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16240 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16240
Description  16-bit inverting buffer/driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16240 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16240 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16240 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
9397 750 15192
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 July 2005
8 of 16
Philips Semiconductors
74ALVT16240
16-bit inverting buffer/driver; 3-state
[1]
All typical values are at VCC = 2.5 V and Tamb = 25 °C.
[2]
Unused pins at VCC or GND.
[3]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[4]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC =1.2 VtoVCC = 2.5 V ± 0.2 V
a transition time of 100
µs is permitted. This parameter is valid for T
amb = 25 °C only.
[5]
ICC is measured with outputs pulled up to VCC or pulled down to ground.
[6]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
[7]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
[8]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC =1.2 VtoVCC = 3.3 V ± 0.3 V
a transition time of 100
µs is permitted. This parameter is valid for Tamb = 25 °C only.
VOL
LOW-level output voltage
VCC = 3.0 V
IOL = 100 µA
-
0.07
0.2
V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
ILI
input leakage current
control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
µA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
µA
data pins
VCC = 3.6 V; VI = VCC
[2] -
0.5
1
µA
VCC = 3.6 V; VI = 0 V
[2] -
+0.1
−5
µA
IOFF
power-down output current VCC = 0 V; VI or VO = 0 V to 4.5 V
-
0.1
±100
µA
IHOLD
bus hold current on data
inputs
VCC = 3 V; VI = 0.8 V
[3] 75
130
-
µA
VCC = 3 V; VI = 2.0 V
[3]
−75
−140
-
µA
VCC = 0 V to 3.6 V; VI = 3.6 V
[3]
±500
-
-
µA
IPU
power-up 3-state output
current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC
[8] -1
±100
µA
IPD
power-down 3-state output
current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC
[8] -1
±100
µA
IOZ
3-state output current
VCC = 3.6 V; VI = VIL or VIH
output HIGH-state; VO = 3.0 V
-
0.5
5
µA
output LOW-state; VO = 0.5 V
-
+0.5
−5
µA
ICC
supply current
VCC = 3.6 V; VI = GND or VCC;IO =0 A
outputs HIGH-state
-
0.05
0.1
mA
outputs LOW-state
-
3.9
5.5
mA
outputs disabled
[5] -
0.06
0.1
mA
∆ICC
additional supply current
per input pin
VCC = 3 V to 3.6 V; one input at
VCC − 0.6 V; other inputs at VCC or
GND
[6] -
0.04
0.4
mA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referred to GND (ground = 0 V); Tamb = −40 °C to +85 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com